Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA821 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA821 Datasheet HTML 9Page - Texas Instruments INA821 Datasheet HTML 10Page - Texas Instruments INA821 Datasheet HTML 11Page - Texas Instruments INA821 Datasheet HTML 12Page - Texas Instruments INA821 Datasheet HTML 13Page - Texas Instruments INA821 Datasheet HTML 14Page - Texas Instruments INA821 Datasheet HTML 15Page - Texas Instruments INA821 Datasheet HTML 16Page - Texas Instruments INA821 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
7 Detailed Description
7.1 Overview
The INA630 is a monolithic precision instrumentation amplifier that incorporates an indirect current-feedback
architecture. The block diagram in Figure 7-1 provides an overview of the functionality of this architecture. The
differential input signal (VDM) is converted by the transconductance amplifier (gm1) into an input current (IIN).
The common-mode voltage (VCM) is thereby directly rejected on the inputs. An additional transconductance
amplifier (gm2) converts the feedback voltage across R1 (VFB – VREF) into a feedback current (IFB). IFB is then
subtracted from the input current IIN. The integrator amplifier (gm3) converts the differential current back to an
output voltage (VOUT). If VDM is far different then feedback voltage, IOUT increases and thus VOUT increases.
When the input differential voltage and the feedback voltage are the same, generating IIN and IREF to be the
same, the differential current IOUT is zero and VOUT is stabilized.
An accurate output voltage is dependent on the differential current IOUT, therefore the matching of the two
transconductances gm1 and gm2 primarily defines the linearity and accuracy of this architecture. In the INA630,
gain is set externally by the ratio of resistors R1 and R2. Unlike a traditional INA, in the indirect current feedback
architecture, the input common-mode voltage is rejected by the first transconductance amplifier (gm1) and the
output swing is not limited by the input common-mode voltage.
The precision performance of the INA630 is optimized for maximum differential input voltages less then ±125mV.
When this limit is exceeded, the differential voltage protection scheme shown in Input Protection limit the input
current to a safe level while ensuring the outputs to stay within the rails.
7.2 Functional Block Diagram
R2
R1
+
–
GND
+
–
VDM/2
VDM/2
+
VOUT
VFB
VREF
VINP
VINN
gm3
VCM
VS
VS
VS+
IFB
IIN
IOUT
VS
VS+
VS
VS+
VS
VS+
VS
VS+
R4
R5
R3
R6
Figure 7-1. Detailed Schematic of INA630
www.ti.com
INA630
SBOSAI8 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com