Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSB2836 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HSB2836
Description  Silicon Epitaxial Planar Diode for High Speed Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSB2836 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HSB2836 Datasheet HTML 1Page - Renesas Technology Corp HSB2836 Datasheet HTML 2Page - Renesas Technology Corp HSB2836 Datasheet HTML 3Page - Renesas Technology Corp HSB2836 Datasheet HTML 4Page - Renesas Technology Corp HSB2836 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HSB2836
Rev.2.00 Mar 04, 2005 page 4 of 4
Package Dimensions
Pattern of terminal position areas
e
e1
l1
b2
D
AA
b
E
HE
e
A2
A
A1
Q
c
L
A
0.8
-
1.1
A1
0
-
0.1
A2
0.8
0.9
1.0
b
0.25
0.3
0.4
c
0.1
0.16
0.26
D1.8
2.0
2.2
E
1.15
1.25
1.35
-0.65
-
e
HE
1.8
2.1
2.4
L
0.425
--
b2
--
0.45
-1.5
-
e1
l1
-
-
0.9
Q-
0.2
-
Dimension in Millimeters
Min
Nom
Max
Reference
Symbol
SC-70
0.006g
MASS[Typ.]
CMPAK / CMPAKV
PTSP0003ZB-A
RENESAS Code
JEITA Package Code
Previous Code
b
c
A — A Section



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com