Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALQ40 Datasheet(PDF) 13 Page - Astec America, Inc

Part # ALQ40
Description  Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ40 Datasheet(HTML) 13 Page - Astec America, Inc

Back Button ALQ40 Datasheet HTML 8Page - Astec America, Inc ALQ40 Datasheet HTML 9Page - Astec America, Inc ALQ40 Datasheet HTML 10Page - Astec America, Inc ALQ40 Datasheet HTML 11Page - Astec America, Inc ALQ40 Datasheet HTML 12Page - Astec America, Inc ALQ40 Datasheet HTML 13Page - Astec America, Inc ALQ40 Datasheet HTML 14Page - Astec America, Inc ALQ40 Datasheet HTML 15Page - Astec America, Inc ALQ40 Datasheet HTML 16Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Technical Reference Notes
ALQ40/50 Series
(Open Frame Single Output Quarter Brick)
MODEL: ALQ50 SERIES
SHEET 13 OF 16
APRIL 21, 2003 - REVISION A (PRELIMINARY)
Performance Curves (continued)
ALQ50K48 (1.2V) SERIES
Efficiency vs Output Current, T
A= 25°C
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
0
10
20
30
40
50
Output Current (Amps)
Vin = 36Vdc
Vin = 48Vdc
Vin = 75Vdc
Power Dissipation vs Output Current, T
A= 25°C
0
4
8
12
16
20
0
10
20
30
40
50
Output Current (Amps)
Vin = 36 Vdc
Vin = 48 Vdc
Vin = 75 Vdc
Efficiency vs Output Current, T
A= 85°C
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
0
10
20
30
40
50
Output Current (Amps)
Vin = 36 Vdc
Vin = 48 Vdc
Vin = 75 Vdc
Dissipation vs Output Current, T
A= 85°C
0
4
8
12
16
20
0
10
20
30
40
50
Output Current (Amps)
Vin = 36 Vdc
Vin = 48 Vdc
Vin = 75 Vdc
Figure 17. Efficiency vs. Load Current Curves at TA=25°C
for different input voltages with 300 LFM airflow directed
from Pins 3 to 1.
Figure 18. Power Dissipation vs. Load Current at TA=25°C
for different input voltages with 300 LFM airflow directed
from Pins 3 to 1.
Figure 19. Efficiency vs. Load Current Curves at TA=85°C
for different input voltages with 300 LFM airflow directed
from Pins 3 to 1.
Figure 20. Power Dissipation vs. Load Current at TA=85°C
for different input voltages with 300 LFM airflow directed
from Pins 3 to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com