Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC12 Datasheet(PDF) 13 Page - Astec America, Inc

Part # APC12
Description  Non-Isolated DC/DC Power Module Tiny SMT Footprint - 1.8V-12V Input, 0.9V to 3.6V Output
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC12 Datasheet(HTML) 13 Page - Astec America, Inc

Back Button APC12_02 Datasheet HTML 9Page - Astec America, Inc APC12_02 Datasheet HTML 10Page - Astec America, Inc APC12_02 Datasheet HTML 11Page - Astec America, Inc APC12_02 Datasheet HTML 12Page - Astec America, Inc APC12_02 Datasheet HTML 13Page - Astec America, Inc APC12_02 Datasheet HTML 14Page - Astec America, Inc APC12_02 Datasheet HTML 15Page - Astec America, Inc APC12_02 Datasheet HTML 16Page - Astec America, Inc APC12_02 Datasheet HTML 17Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Technical Reference Notes
APC12 Centauri II
MODEL: APC12 SERIES
SHEET 13 OF 23
JANUARY 6, 2002 REVISION A (PRELIMINARY)
Performance Curves – Efficiency
APC12F03 Efficiency vs Load Current
65
70
75
80
85
90
95
100
02
468
10
12
Load Current (A)
4V input
5V Input
6V Input
APC12G03 Efficiency vs Load Current
70
75
80
85
90
95
100
02468
10
12
Load Current (A)
3V Input
4.5V Input
6V Input
Figure 7. APC08F03 Efficiency Curve.
Figure 8. APC08G03 Efficiency Curve.
APC12Y03 Efficiency vs Load Current
65
70
75
80
85
90
95
02
468
10
12
Load Current (A)
2.2V Input
3.3V Input
6V Input
APC12M03 Efficiency vs Load Current
65
70
75
80
85
90
95
02
468
10
12
Load Current (A)
1.8V Input
3.3V Input
6V Input
Figure 9. APC08Y03 Efficiency Curve.
Figure 10. APC08M03 Efficiency Curve.
APC12K03 Efficiency vs Load Current
60
65
70
75
80
85
90
0
2
46
810
12
Loa d C ur r e nt ( A )
1.8VInput
3.3VInput
6VInput
APC12J03 Efficiency vs Load Current
60
65
70
75
80
85
90
02
468
10
12
Load Current (A)
1.8V Input
3.3V Input
6V Input
Figure 11. APC08K03 Efficiency Curve.
Figure 12. APC08J03 Efficiency Curve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com