Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC12 Datasheet(PDF) 17 Page - Astec America, Inc

Part # APC12
Description  Non-Isolated DC/DC Power Module Tiny SMT Footprint - 1.8V-12V Input, 0.9V to 3.6V Output
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC12 Datasheet(HTML) 17 Page - Astec America, Inc

Back Button APC12 Datasheet HTML 13Page - Astec America, Inc APC12 Datasheet HTML 14Page - Astec America, Inc APC12 Datasheet HTML 15Page - Astec America, Inc APC12 Datasheet HTML 16Page - Astec America, Inc APC12 Datasheet HTML 17Page - Astec America, Inc APC12 Datasheet HTML 18Page - Astec America, Inc APC12 Datasheet HTML 19Page - Astec America, Inc APC12 Datasheet HTML 20Page - Astec America, Inc APC12 Datasheet HTML 21Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Technical Reference Notes
APC12 Centauri II
MODEL: APC12 SERIES
SHEET 17 OF 23
JANUARY 6, 2002 REVISION A (PRELIMINARY)
Performance Curves
APC12F03
Figure 31. Input to Output Delay at 12A load (CH2 = Vo;
CH1 = Enable Voltage).
Figure 32. Output Ripple and Noise at 12A; VIN = 4V; BW
= 20MHz; Ta = 25ºC.
APC12G03
Figure 33. Input to Output Delay at 12A load (CH2 = Vo;
CH1 = Enable Voltage).
Figure 34. Output Ripple and Noise at 12A; VIN = 3.0V;
BW = 20MHz; Ta = 25ºC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com