Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC08G08 Datasheet(PDF) 19 Page - Astec America, Inc

Part # APC08G08
Description  Non-Isolated DC/DC Power Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08G08 Datasheet(HTML) 19 Page - Astec America, Inc

Back Button APC08G08 Datasheet HTML 15Page - Astec America, Inc APC08G08 Datasheet HTML 16Page - Astec America, Inc APC08G08 Datasheet HTML 17Page - Astec America, Inc APC08G08 Datasheet HTML 18Page - Astec America, Inc APC08G08 Datasheet HTML 19Page - Astec America, Inc APC08G08 Datasheet HTML 20Page - Astec America, Inc APC08G08 Datasheet HTML 21Page - Astec America, Inc APC08G08 Datasheet HTML 22Page - Astec America, Inc APC08G08 Datasheet HTML 23Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Technical Reference Note (APC08)
MODEL: APC08 SERIES
SHEET 19 OF 23
OCTOBER 4, 2004 - REVISION 03
Young’s Stability Curves
PHASE MARGIN
100
1 .10
3
1 .10
4
1 .10
5
1 .10
6
1 .10
4
1 .10
3
0.01
0.1
1
10
100
1 .10
3
1 .10
4
1 .10
5
1 .10
6
150
100
50
0
50
Frequency
________0°
_______15°
_______30°
_______45°
_______60°
_______75°
_______90°
Figure 44. YSC - Phase Margin response to determine system stability at other load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com