Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC08F08 Datasheet(PDF) 4 Page - Astec America, Inc

Part # APC08F08
Description  Non-Isolated DC/DC Power Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08F08 Datasheet(HTML) 4 Page - Astec America, Inc

  APC08F08 Datasheet HTML 1Page - Astec America, Inc APC08F08 Datasheet HTML 2Page - Astec America, Inc APC08F08 Datasheet HTML 3Page - Astec America, Inc APC08F08 Datasheet HTML 4Page - Astec America, Inc APC08F08 Datasheet HTML 5Page - Astec America, Inc APC08F08 Datasheet HTML 6Page - Astec America, Inc APC08F08 Datasheet HTML 7Page - Astec America, Inc APC08F08 Datasheet HTML 8Page - Astec America, Inc APC08F08 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Technical Reference Note (APC08)
MODEL: APC08 SERIES
SHEET 4 OF 23
OCTOBER 4, 2004 - REVISION 03
Electrical Specifications (continued)
OUTPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Setpoint
APC08J03
VO,SET
0.873
0.9
0.927
Vdc
(VIN=VIN,min to VIN,max at
APC08K03
1.164
1.2
1.236
IO=IO,max)
1
APC08M03
1.455
1.5
1.545
APC08Y03
1.746
1.8
1.854
APC08G03
2.425
2.5
2.575
APC08F03
3.200
3.3
3.400
APC08J08
0.873
0.9
0.927
APC08K08
1.164
1.2
1.236
APC08M08
1.455
1.5
1.545
APC08Y08
1.746
1.8
1.854
APC08G08
2.425
2.5
2.575
APC08F08
3.200
3.3
3.400
APC05A08
4.850
5.0
5.150
APC04S08
5.820
6.0
6.180
Output Regulation:
Line: VIN=VIN,min to VIN,max
All
-
-
-
0.5
%
Load: IO=IO,min to IO,max
All
-
-
-
0.5
%
Temp: TA= -40 °C to 85 °C
All
-
-
-
±1.5
%
Output Ripple and Noise
11
Peak to Peak: 5Hz to 20MHz
≥ 2.5V
-
-
-
75
mVPK-PK
< 2.5V
-
-
-
50
mVPK-PK
Output Current Range
All
IO
0
-
8
A
5V
0
-
5
6V
0
-
4
External Load Capacitance
9
Suffix “W”
-
-
-
5000
µF
All
-
-
-
500
µF
Capacitor ESR
Suffix “W”
-
10
-
100
m
Ω
All
100
-
-
m
Ω
Output Current Limit Inception
3
All
IO
-
11.5
-
A
Output Short Circuit Current
4
All
-
-
-
-
Efficiency
VIN = 1.8V to 6V
1
APC08J03
η
74
76
-
%
IO = 8A Resistive Load
APC08K03
80
81
-
APC08M03
83
86
-
APC08Y03
85
88
-
APC08G03
89
91
-
APC08F03
90
93
-
Switching Frequency
All
-
-
400
-
KHz
Turn-On time (Input to Output)
5
All
-
-
-
50
ms
IO = 8A; VIN = VIN,nom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com