Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2005MSA Datasheet(PDF) 1 Page - Sames

Part # SA2005MSA
Description  Pin Selectable Three Phase Power / Energy Metering IC for Stepper Motor / Impulse Counter Applications with Anti Tamper Features
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2005MSA Datasheet(HTML) 1 Page - Sames

  SA2005MSA Datasheet HTML 1Page - Sames SA2005MSA Datasheet HTML 2Page - Sames SA2005MSA Datasheet HTML 3Page - Sames SA2005MSA Datasheet HTML 4Page - Sames SA2005MSA Datasheet HTML 5Page - Sames SA2005MSA Datasheet HTML 6Page - Sames SA2005MSA Datasheet HTML 7Page - Sames SA2005MSA Datasheet HTML 8Page - Sames SA2005MSA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FEATURES
+ Direct drive for electro-mechanical counters or stepper
motors
+ Selectable dividing ratios for different meter rated
conditions
+ Per phase energy direction and voltage fail indication
+ Precision oscillator on chip
sames
sames
Pin Selectable Three Phase Power / Energy Metering
IC for Stepper Motor / Impulse Counter Applications
with Anti Tamper Features
SA2005M
1/12
SPEC-0115 (REV. 3)
09-05-02
+ Meets the IEC 521/1036 Specification requirements for
Class 1 AC Watt hour meters
+ Operates over a wide temperature range
+ Easily adaptable to different signal levels
+ Precision voltage reference on chip
+ Protected against ESD
DESCRIPTION
The SAMES SA2005M provides a single chip active energy
metering solution for three phase mechanical counter-based
meter designs. Very few external components are required
and it has direct drive capability for electro-mechanical
counters.
The SAMES SA2005M is a CMOS mixed signal integrated
circuit that performs three phase power/energy calculations
over a range of 1000:1, to an overall accuracy of better than
Class 1.
The integrated circuit includes all the required functions for 3-
phase power and energy measurement such as oversampling
A/D converters for the voltage and current sense inputs, power
calculation and energy integration. Internal offsets are
eliminated through the use of cancellation procedures.
The SA2005M drives a calibration LED directly. Per phase
voltage fail and voltage sequence faults as well as energy
direction indication are available as LED outputs. Selectable
divider ratios enable various mechanical counter or stepper
motor counter resolutions.
A precision oscillator, that replaces an external crystal, is
integrated on chip. A voltage reference is integrated on chip.
The SA2005M integrated circuit is available in 24-pin dual in
line plastic (DIP-24) and small outline (SOIC-24) package
options.
Figure 1: Block diagram
REF
OSC
TIMING & CONTROL
TEST
LED
VDD VSS
IVN1
X
IIN1
IIP1
VREF
GND
IVN2
X
I2
V2
IIN2
IIP2
IVN3
X
I3
V3
IIN3
IIP3
SELECTOR
INTERFACE
MON
MOP
PH2
PH1
PH3
PH / DIR
POWER
TO
PULSE
RATE
PROGRAM-
MABLE
ADDER
I1
V1
dr-01616
RA RE
IM


Similar Part No. - SA2005MSA

ManufacturerPart #DatasheetDescription
logo
Sames
SA2005M SAMES-SA2005M Datasheet
252Kb / 12P
Evaluation Board for the SA2005M and SA2005P
More results

Similar Description - SA2005MSA

ManufacturerPart #DatasheetDescription
logo
Sames
SA2005P SAMES-SA2005P Datasheet
195Kb / 16P
Programmable Three Phase Power / Energy Metering IC for Stepper Motor / Impulse Counter Applications
SA2007M SAMES-SA2007M Datasheet
168Kb / 10P
Single Phase Power/Energy Metering IC with Tamper Detection
SA2007P SAMES-SA2007P Datasheet
138Kb / 12P
Programmable Single Phase Energy Metering IC with Tamper Detection
SA9607M SAMES-SA9607M Datasheet
98Kb / 10P
Single Phase Power/Energy Metering IC with Tamper Detection
SA9607P SAMES-SA9607P Datasheet
127Kb / 12P
Programmable Single Phase Energy Metering IC with Tamper Detection
logo
List of Unclassifed Man...
STPM01 ETC-STPM01 Datasheet
137Kb / 9P
PROGRAMMABLE SINGLE PHASE ENERGY METERING IC WITH TAMPER DETECTION
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01_11 Datasheet
1Mb / 60P
Programmable single phase energy metering IC with tamper detection
09-Jun-2011
STPM10 STMICROELECTRONICS-STPM10 Datasheet
1Mb / 51P
Programmable single-phase energy metering IC with tamper detection
09-Jun-2011
logo
Fortune Semiconductor C...
FS7755 FORTUNE-FS7755 Datasheet
864Kb / 22P
Energy Metering IC with Impulse Output
logo
STMicroelectronics
STPM10 STMICROELECTRONICS-STPM10_V01 Datasheet
1Mb / 47P
Programmable single-phase energy metering IC with tamper detection
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com