Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T6963CFG Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # T6963CFG
Description  DOT MATRIX LCD CONTROLLER LSI
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T6963CFG Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button T6963CFG Datasheet HTML 9Page - Toshiba Semiconductor T6963CFG Datasheet HTML 10Page - Toshiba Semiconductor T6963CFG Datasheet HTML 11Page - Toshiba Semiconductor T6963CFG Datasheet HTML 12Page - Toshiba Semiconductor T6963CFG Datasheet HTML 13Page - Toshiba Semiconductor T6963CFG Datasheet HTML 14Page - Toshiba Semiconductor T6963CFG Datasheet HTML 15Page - Toshiba Semiconductor T6963CFG Datasheet HTML 16Page - Toshiba Semiconductor T6963CFG Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
T6963CFG
2007-05-15
13
T6963CFG assign External character generator, when character code set 80H to FFH in using internal
character generator. Character code 00H to 80H assign External character generator, when External
generator mode.
The senior five bits define the start address in external memory of the CG RAM area. The next eight
bits represent the character code of the character. In internal CG ROM mode, character codes 00H to
7FH represent the predefined “internal” CG ROM characters, and codes 80H to FFH represent the user’
s own “external” characters. In external CG RAM mode, all 256 codes from 00H to FFH can be used to
represent the user' s own characters. The three least significant bits indicate one of the eight rows of
eight dots that define the character’ s shape.
The relationship between display RAM address and offset register
Offset register data
CG RAM hex. address (start to end)
00000
0000 to 07FFH
00001
0800 to 0FFFH
00010
1000 to 17FFH
11100
E000 to E7FFH
11101
E800 to EFFFH
11110
F000 to F7FFH
11111
F800 to FFFFH
(Example 1)
Offset register
02H
Character code
80H
Character generator RAM start address
0001
0100
0000
0000
1
4
0
0
H
(Example 2) The relationship between display RAM data and display characters
γ and ζ are displayed by character generator RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com