Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA48LS00F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TA48LS00F
Description  300 mA Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48LS00F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA48LS00F Datasheet HTML 1Page - Toshiba Semiconductor TA48LS00F Datasheet HTML 2Page - Toshiba Semiconductor TA48LS00F Datasheet HTML 3Page - Toshiba Semiconductor TA48LS00F Datasheet HTML 4Page - Toshiba Semiconductor TA48LS00F Datasheet HTML 5Page - Toshiba Semiconductor TA48LS00F Datasheet HTML 6Page - Toshiba Semiconductor TA48LS00F Datasheet HTML 7Page - Toshiba Semiconductor TA48LS00F Datasheet HTML 8Page - Toshiba Semiconductor TA48LS00F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TA48LS00F
2007-06-22
2
Pin Description
Pin No.
Symbol
Description
1
N.C.
Non-connection
2~4
GND
Ground terminal
5
IN
Input terminal. Connected by capacitor (CIN) to GND.
6
EN
Output ON/OFF control terminal.
Output is ON when this pin is set to “High”, OFF when this pin is open or set to “Low”.
7
ADJ
Output voltage feedback to regulator. It is connected to an error amplifier with
VREF=1.238 V (Typ.).
8
OUT
Output terminal. Connected by capacitor (COUT) to GND.
How to Order
Product No.
Package Type and Capacity
TA48LS00F(TE85L, F)
Tape (3000 pcs/reel)
Block Diagram
GND
ON/OFF
function
Over
temperature
protection
Over current
protection
Control
circuit
EN
IN
OUT
Reference
voltage
ADJ
1.238 V (Typ.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com