Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA48LS018F Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TA48LS018F
Description  300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48LS018F Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TA48LS018F Datasheet HTML 3Page - Toshiba Semiconductor TA48LS018F Datasheet HTML 4Page - Toshiba Semiconductor TA48LS018F Datasheet HTML 5Page - Toshiba Semiconductor TA48LS018F Datasheet HTML 6Page - Toshiba Semiconductor TA48LS018F Datasheet HTML 7Page - Toshiba Semiconductor TA48LS018F Datasheet HTML 8Page - Toshiba Semiconductor TA48LS018F Datasheet HTML 9Page - Toshiba Semiconductor TA48LS018F Datasheet HTML 10Page - Toshiba Semiconductor TA48LS018F Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TA48LS015, 018, 025, 033, 05F
2007-06-22
9
VOUT – IOUT
VOUT – IOUT
Output current IOUT (mA)
Output current IOUT (mA)
TA48LS033F
VIN = 5.3 V
Tj = 25°C
3.1
3.2
3.3
3.5
3.4
0
4
2
1
600
0
400
200
3
VD – IOUT
Output current IOUT (mA)
−40℃
0
0.5
0.4
0.2
25℃
Tj
= 125℃
TA48LS033F
VIN = 5.3 V
Tj = 25°C
VD – Tj
Junction temperature Tj (°C)
5 mA
150
−50
0
100
150 mA
IOUT = 300 mA
50
85℃
800
VEN – VIN
VEN – Tj
Input voltage VIN (V)
Junction temperature Tj (°C)
16
8
4
0
0.5
1.0
2.0
1.5
0
2.0
1.0
0.5
-50
50
0
100
1.5
12
150
TA48LS033F
Tj = 25 °C
I OUT = 100 mA
VIN = 5.3 V
I OUT = 100 mA
VEN(ON)
VEN(OFF)
VEN(ON)
VEN(OFF)
300
0
100
200
TA48LS033F
0.1
300
0
100
200
TA48LS033F
0
0.5
0.4
0.2
0.3
0.1
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com