Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS-150 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # AS-150
Description  150W Single Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AS-150 Datasheet(HTML) 2 Page - Astrodyne Corporation

  AS-150 Datasheet HTML 1Page - Astrodyne Corporation AS-150 Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
a s - 1 5 0 series
150W Single Output Switching Power Supply
300 Myles standish Blvd., Taunton, Ma 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.asTRODYNE.COM
Mechanical�Specification
Derating�Curve
Static�Characteristics�(24V)
File�Name:S-150-SPEC���2005-09-13
Case�No.�906�����Unit:mm
AMBIENT�TEMPERATURE�(
)
20
159
199
100
172
192
5-M3
190.5
3.5
6
7
6
5
4
3
2
1
INPUT�VOLTAGE�(V)�60Hz
-10
-10
0
0
10
20
30
40
50
45
60
55
(VERTICAL)
(HORIZONTAL)
20
40
60
80
100
S-150-5~12�CONVECTION
S-150-15~48�CONVECTION
S-150-5~12�FORCED AIR
1
2
1
2
Terminal�Pin.�No Assignment
Pin�No.
Pin�No.
1
2
4,5
3
6,7
Assignment
Assignment
DC�OUTPUT -V
DC�OUTPUT +V
FG
AC/L
AC/N
INPUT�VOLTAGE�(V)�60Hz
80
160
85
170
90
95
180
100
190
105
200
110
210
115
220
120
230
125
240
250
130
260
28
32
24
20
16
12
8
Ta=25
50
100
200
150
250
300
350
5
150W�Single�Output�Switching�Power�Supply
S - 1 5 0 series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com