Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD08 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # ASD08
Description  Isolated and Regulated 7.5 WATT Modular DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD08 Datasheet(HTML) 1 Page - Astrodyne Corporation

  ASD08 Datasheet HTML 1Page - Astrodyne Corporation ASD08 Datasheet HTML 2Page - Astrodyne Corporation ASD08 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Regulated 7.5 WATT Modular DC/DC Converters
a s d 0 8 series
300 Myles standish Blvd., Taunton, Ma 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.asTROdYNE.COM
24-Pin DIP Package
Wide 2:1 Input Range
1500V Isolation
Short Circuit Protection
High Efficiency
Input PI Filter
Model Number
Output Voltage
Output mamps
Input Range
Efficiency
sINGLE OUTPUT
ASD08-12S3
3.3 VDC
1500
9-18 VDC
74%
ASD08-24S3
1500
18-36 VDC
76%
ASD08-48S3
1500
36-72 VDC
76%
ASD08-12S5
5 VDC
1500
9-18 VDC
78%
ASD08-24S5
1500
18-36 VDC
79%
ASD08-48S5
1500
36-72 VDC
80%
ASD08-12S12
12 VDC
625
9-18 VDC
82%
ASD08-24S12
625
18-36 VDC
82%
ASD08-48S12
625
36-72 VDC
82%
ASD08-12S15
15 VDC
500
9-18 VDC
82%
ASD08-24S15
500
18-36 VDC
82%
ASD08-48S15
500
36-72 VDC
82%
dUaL OUTPUT
ASD08-12D5
+/-5 VDC
+/-750
9-18 VDC
79%
ASD08-24D5
+/-750
18-36 VDC
81%
ASD08-48D5
+/-750
36-72 VDC
81%
ASD08-12D12
+/-12 VDC
+/-310
9-18 VDC
83%
ASD08-24D12
+/-310
18-36 VDC
83%
ASD08-48D12
+/-310
36-72 VDC
83%
ASD08-12D15
+/-15 VDC
+/-250
9-18 VDC
83%
ASD08-24D15
+/-250
18-36 VDC
83%
ASD08-48D15
+/-250
36-72 VDC
83%
Unit measures 0.8”W x 1.25”L x 0.5”H
Order On-Line!
astrodyne.com


Similar Part No. - ASD08

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
ASD08 APMICRO-ASD08 Datasheet
527Kb / 8P
1-Line Uni-directional TVS Diode
logo
Astrodyne Corporation
ASD08-12D12 ASTRODYNE-ASD08-12D12 Datasheet
188Kb / 3P
Isolated and Regulated 7.5 WATT Modular DC/DC Converters
ASD08-12D15 ASTRODYNE-ASD08-12D15 Datasheet
188Kb / 3P
Isolated and Regulated 7.5 WATT Modular DC/DC Converters
ASD08-12D5 ASTRODYNE-ASD08-12D5 Datasheet
188Kb / 3P
Isolated and Regulated 7.5 WATT Modular DC/DC Converters
ASD08-12S12 ASTRODYNE-ASD08-12S12 Datasheet
188Kb / 3P
Isolated and Regulated 7.5 WATT Modular DC/DC Converters
More results

Similar Description - ASD08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU20 ETC2-SU20 Datasheet
288Kb / 3P
Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
Isolated and Regulated 5 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
Isolated and Regulated 5 WATT Modular DC/DC Converters
ASD08 ASTRODYNE-ASD08_16 Datasheet
188Kb / 3P
Isolated and Regulated 7.5 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30_16 Datasheet
189Kb / 3P
Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705_16 Datasheet
288Kb / 3P
Isolated and Regulated 7.5 WATT Modular DC/DC Converters
FDC05 ASTRODYNE-FDC05_16 Datasheet
201Kb / 3P
Isolated and Regulated 5 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com