Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD30 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # ASD30
Description  Isolated and Regulated 30 WATT Modular DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD30 Datasheet(HTML) 2 Page - Astrodyne Corporation

  ASD30 Datasheet HTML 1Page - Astrodyne Corporation ASD30 Datasheet HTML 2Page - Astrodyne Corporation ASD30 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Isolated and Regulated 30 WATT Modular DC/DC Converters
a s d 3 0 series
300 Myles standish Blvd., Taunton, Ma 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.asTROdYNE.COM
INPUT sPECIFICaTIONs
Input Voltage Ranges:
12 VDC Nominal
9-18 VDC
24 VDC Nominal
18-36 VDC
48 VDC Nominal
36-72 VDC
Input Filter
PI Type
OUTPUT sPECIFICaTIONs
Voltage and Current
See Selection Chart
Load Regulation (25% to FL)
Single/Dual
+/-0.5%
Triple
+/-1%
Line Regulation (HL-LL)
Single/Dual
+/-0.5%
Triple
+/-1%
Temperature Coefficient
+/-0.02%/°C
Ripple/Noise
10 mV RMS, max.
750mVp-p max.
Voltage Accuracy
Single Ouput
+/-2%, max.
Dual + Output
+/-2%, max.
Dual - Output
+/-3%, max.
Triple 5V
+/- 2%, max.
Triple 12V/15V
+/-5%, max
Voltage Balance (Dual)
+/-1%
Transient Response
Single, 25% Change
<500uS
Dual FL to 1/2L
<500uS
Trim Adjustment Range
+/-10%
Short Circuit Protection
Continuous
Efficiency
See Selection Chart
GENERaL sPECIFICaTIONs
Input-Output Isolation
500VDC
Isolation Resistance
10-9nth Ohm min.
Switching Frequency
300Khz
Case Grounding
Connected to O/P Common
Safety
UL60950
EMI/RFI
Six Sided Continuous Shield
MTBF
Single O/P
891,000 Hrs.
Dual O/P
870,000 Hrs.
Triple O/P
790,000 Hrs.
MIL-HDBK-217F
Ground Benign, 25°C
ENVIRONMENTaL sPECIFICaTIONs
Oper. Temperature
-25 to +71°C w. Derate
See Curve
Case Temperature
100°C max.
Storage Temperature
-55 to +105°C *
Cooling
Free Air Convection
PHYsICaL sPECIFICaTIONs
Case Material
Black coated Copper
w. Non-conductive base
Construction
Fully Encapsulated
Weight
2.4 oz, (68g)
Dimensions
2.0”x2.0”x0.4”
REMOTE ON/OFF CONTROL
Logic Compatibility
CMOS or Open
Collector TTL
EC-On
>+5.5VDC or Open
Circuit
EC-Off
<1.8VDC
Shutdown Idle Current
10mA
Control Common
Referenced to - Input
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com