Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL15 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # ASL15
Description  15W Ultraminiature Open Frame Global Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASL15 Datasheet(HTML) 1 Page - Astrodyne Corporation

  ASL15 Datasheet HTML 1Page - Astrodyne Corporation ASL15 Datasheet HTML 2Page - Astrodyne Corporation ASL15 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
15W Ultraminiature Open Frame Global Switching Power Supplies
a s l 1 5 series
300 Myles standish Blvd., Taunton, Ma 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.asTRODYNE.COM
Universal 85-265VAC Input
Molex Mini Connector I/O
Regulated Outputs
3000V Isolation
Single Output from 3.3 to 24 VDC
Model Number
Output Voltage
Output amps (max)
(pk)
ASL-1500
3.3 VDC
3.5A
3.8A
ASL-1501
5 VDC
3A
3.6A
ASL-1502
12 VDC
1.25A
1.5A
ASL-1503
15VDC
1A
1.25A
ASL-1505
24VDC
0.63A
0.75A
3”W x 2.10”L x 0.86”H
Order On-Line!
astrodyne.com


Similar Part No. - ASL15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASL150 ASTRODYNE-ASL150 Datasheet
485Kb / 4P
150W 2??x 4??Open Frame Switching Power Supplies
ASL150-12 ASTRODYNE-ASL150-12 Datasheet
485Kb / 4P
150W 2??x 4??Open Frame Switching Power Supplies
ASL150-12 ASTRODYNE-ASL150-12 Datasheet
490Kb / 4P
150W 2??x 4??Open Frame Switching Power Supplies
ASL150-24 ASTRODYNE-ASL150-24 Datasheet
485Kb / 4P
150W 2??x 4??Open Frame Switching Power Supplies
ASL150-24 ASTRODYNE-ASL150-24 Datasheet
490Kb / 4P
150W 2??x 4??Open Frame Switching Power Supplies
More results

Similar Description - ASL15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASL10 ASTRODYNE-ASL10 Datasheet
711Kb / 3P
10W Ultraminiature Open Frame Global Switching Power Supplies
ASL60 ASTRODYNE-ASL60 Datasheet
726Kb / 4P
60W Ultraminiature Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10 Datasheet
619Kb / 4P
10W Ultraminiature Open Frame Switching Power Supplies
EFM15 ASTRODYNE-EFM15 Datasheet
566Kb / 4P
15W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10 Datasheet
711Kb / 4P
10W Ultraminiature Open Frame Switching Power Supplies
OFM15 ASTRODYNE-OFM15 Datasheet
654Kb / 4P
15W Ultraminiature Open Frame Switching Power Supplies
ASL10 ASTRODYNE-ASL10_16 Datasheet
678Kb / 3P
10W Ultraminiature Open Frame Global Switching Power Supplies
ASL15 ASTRODYNE-ASL15_16 Datasheet
702Kb / 3P
15W Ultraminiature Open Frame Global Switching Power Supplies
EFM10 ASTRODYNE-EFM10_16 Datasheet
366Kb / 4P
10W Ultraminiature Open Frame Switching Power Supplies
OFM15 ASTRODYNE-OFM15_16 Datasheet
327Kb / 3P
15W Ultraminiature Open Frame Class II Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com