Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL-1502 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # ASL-1502
Description  15W Ultraminiature Open Frame Global Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASL-1502 Datasheet(HTML) 2 Page - Astrodyne Corporation

  ASL-1502 Datasheet HTML 1Page - Astrodyne Corporation ASL-1502 Datasheet HTML 2Page - Astrodyne Corporation ASL-1502 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
15W Ultraminiature Open Frame Global Switching Power Supplies
a s l 1 5 series
300 Myles standish Blvd., Taunton, Ma 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.asTRODYNE.COM
INPUT sPECIFICaTIONs
Input Voltage Range
85-265 VAC
Frequency Range
47-63 Hz
Inrush Current, typ:
20A @ 100VAC Input *
40A @ 200VAC Input *
OUTPUT sPECIFICaTIONs
Voltage and Current
See Selection Chart
Load Regulation
+/- 3%
(20% to 100% Load)
Line Regulation
Singles +/- 0.1~1%, typ
Cross Regulation (Duals)
2%
Preset Accuracy
1%
DC Voltage Adjust (typ)
+/- 6% of FS (Primary)
Temperature Coefficient
+/-0.03%/°C
Ripple/Noise
100mV Pk-Pk, typ
Over Voltage Protection
Clamp, 130-150% *
Over Temp. Protection
Latching, Cool and Repower
Short Circuit Protection
Continuous, self-recovering
Hold Up Time
20 mS, typ
GENERal sPECIFICaTIONs
Isolation
I/P-O/P:3000VAC
I/P-Ground: 2500VAC
O/P-Ground: 1000VAC
Efficiency
75%~78%, typ
Switching Frequency
100Khz, (fixed, typical)
Safety
UL60950-1, EN60950, IEC60950
PHYsICal sPECIFICaTIONs
Size
3” x 2.10” x 0.85”
Construction
Open Frame
Weight
2.5oz (70g)
Connectors: Molex P/N:
50-37-5043 (Input)
50-37-5043 (Output)
Contact: 08-70-1040
ENVIRONMENTal sPECIFICaTIONs
Oper. Temperature
0 to +50°C(FL) See Derate
Storage Temperature
-25 to +71°C *
Relative Humidity
0 to + 95%, non-cond *
EMC
FCC/A, VDE 0871/A
MTBF
180,000 Hrs
Mil Std 217, 25°C
OUTPUT DERaTING CURVE
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
Ambient Temperature DegC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com