Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL40 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # ASL40
Description  40W Ultraminiature Open Frame Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASL40 Datasheet(HTML) 2 Page - Astrodyne Corporation

  ASL40 Datasheet HTML 1Page - Astrodyne Corporation ASL40 Datasheet HTML 2Page - Astrodyne Corporation ASL40 Datasheet HTML 3Page - Astrodyne Corporation ASL40 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
40W Ultraminiature Open Frame Switching Power Supplies
A S L 4 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
INPUT SPECIFICATIONS
Input Voltage Range
90-264 VAC
Frequency Range
47-63 Hz
Inrush Current, typ:
30A @ 100VAC Input *
60A @ 200VAC Input *
Leakage Current
<0.1mA
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation (0%-FL)
Single O/P:
± 1%
Dual O/P (V1/V2):
± 3/5% max
Line Regulation (LL-HL)
Single O/P:
± 1% max
Dual O/P (V1/V2):
± 1/2% max
Cross Regulation (Dual Outputs)
(100-20% L w. other O/P at 60%) ± 3/5% max
Preset Accuracy
1%
DC Voltage Adjust (typ)
± 6% of FS (Primary)
Temperature Coefficient
± 0.05%/°C
Ripple/Noise, 20Mhz BW
See Selection Chart
Over Voltage Protection
Clamp, 118-130%
Current Limit, Self Recovering
See Selection Chart *
Short Circuit Protection
Continuous, self-recovering *
Hold Up Time (115V / 60Hz)
10 mS, min.
GENERAL SPECIFICATIONS
Input-Out Isolation
3000VAC
Efficiency
See Selection Chart
Switching Frequency
65Khz, (fixed, typical)
Safety
UL, TUV, CB
PHYSICAL SPECIFICATIONS
Size
2” x 4” x 1.2”
50.8 x 101.6 x 30.48mm
Construction
Open Frame
Weight
7oz (198g)
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-10 to +50°C(FL) , See Derate
Storage Temperature
-25 to +85°C *
Relative Humidity
0 to + 95%, non-cond *
EMC
EN 60601-1-2:2001
MTBF
185,000 Hrs
Mil Std 217, 25°C
OUTPUT DERATING CURVE
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.
-10
0
10
20
30
40
50
60
20
40
60
80
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com