Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA6009FN Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TA6009FN
Description  Shock Sensor IC (1 ch version)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA6009FN Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA6009FN Datasheet HTML 1Page - Toshiba Semiconductor TA6009FN Datasheet HTML 2Page - Toshiba Semiconductor TA6009FN Datasheet HTML 3Page - Toshiba Semiconductor TA6009FN Datasheet HTML 4Page - Toshiba Semiconductor TA6009FN Datasheet HTML 5Page - Toshiba Semiconductor TA6009FN Datasheet HTML 6Page - Toshiba Semiconductor TA6009FN Datasheet HTML 7Page - Toshiba Semiconductor TA6009FN Datasheet HTML 8Page - Toshiba Semiconductor TA6009FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TA6009FN/FNG
2003-12-03
2
Pin Function
Pin No.
Pin Name
Function
1
SIA
Connection terminal of shock sensor
2
SIB
Connection terminal of shock sensor
3
GUARD
Input (1, 2 pin) GUARD terminal
4
OUT
Output terminal (output
= “L” when shock is detected.)
5
GND
Ground terminal
6
VCC
Power supply voltage
7
AO
Op-Amp output terminal
8
AI
Op-Amp input terminal
9
DO
Differential-Amp output terminal
10
W-CONT
WindComp. trip voltage selection terminal
Maximum Ratings (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
7
V
Power dissipation
PD
300
mW
Storage temperature
Tstg
−55 to 150
°C
Recommend Operating Condition
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
2.7 to 5.5
V
Operating temperature
Topr
−25 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com