Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM150 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # ASM150
Description  150W 2??x 4??Medical Grade Open Frame Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASM150 Datasheet(HTML) 2 Page - Astrodyne Corporation

  ASM150 Datasheet HTML 1Page - Astrodyne Corporation ASM150 Datasheet HTML 2Page - Astrodyne Corporation ASM150 Datasheet HTML 3Page - Astrodyne Corporation ASM150 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
150W 2” x 4” Medical Grade Open Frame Switching Power Supplies
A S M 1 5 0 series
ASTRODYNE USA: 1-800-823-8082
WWW.ASTRODYNE.COM
ASTRODYNE EUROPE: 353 51 561060
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range (AC / DC)
90-264 / 170-370
Input Current
<2.5A @ 100VAC
Inrush Current
No Damage @ 230VAC Cold Start
Input Frequency
47-63Hz
Power Factor (90VAC)
0.98%
Harmonic Input Current
Meets EN61000-3-2
Input Fuse
3A Internal Line & Neutral
Under Voltage Lockout
80VAC Auto Recover
Leakage Current (120V I/P)
<275uA
OUTPUT SPECIFICATIONS
Setpoint Accuracy
+/-1% Main Output V1
Overshoot during Power-on
Out of regulation 50mS, max.
Voltage Adjust
5% Main Output V1
Load Regulation
+/-1% V1; +/-20% V2
Line Regulation
+/-0.1% 90-264VAC
Cross Regulation
+/-1% V1; +/-15% V2
Transient Response
(50% Load Change)
10% Recover within 1mS
Start Up (HL; FL)
500mS
Rise / Hold Up Time
20mS / 16mS
Temperature Coefficient
+/-0.25mV/°C
Ripple/Noise: 20Mhz BW, resistive load, with 22uF (tantalum) and
0.47uF (ceramic) parallel capacitors at POL
1% of Output (42% 12V aux.)
Over-voltage Protection
130% max.
Over Current Protection
130% max. Auto Recover*
Short Circuit and Over Temp Protection
Auto Recovery *
GENERAL SPECIFICATIONS
I/P-O/P Isolation
4000VAC for 1 Minute
I/P-Ground Isolation
1500VAC for 1 Minute
O/P-O/P Isolation
100VDC for 1 Minute
O/P-Ground Isolation
500VAC for 1 Minute
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-20 to +50°C FL Derate Linearly to
50% Load at 70°C *
Cooling
200LFM >100W O/P Power
Relative Humidity
8-90% Non Cond (95% Non-Oper.)
Storage Temperature
-40 to +80°C *
Operating Altitude
5000 ft Above Sea Level
Derate to 40°C ambient @ 10,000 ft
MTBF
Convection Cooled: 150,000Hrs
Air Flow (200 CFM): 300,000 Hrs
EMC / CE Mark Requirements
EN55024
Voltage Fluctuation
EN61000-3-3
ESD
15KV Air, 8KV Contact
Radiated Field
3V/m, 80-1000MHz 80% Modulation
at distance of 3M
EFT
±2kV on AC power port for 1 minute;
±1kV on signal/ctrl lines
Surge
±1kV line to line/±2kV line to earth
on AC power port; ±0.5kV for outdoor
cables
Conducted RF
3V; 0.15-80MHz 80% Modulation
Voltage Variations
>95% dip, 0.5 period; 30% dip, 25
periods; >95% reduction, 250 periods
Safety Standards (PENDING)
EN60601, IEC60601, UL/cUL60601
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com