Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEC40 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # FEC40
Description  Isolated and Regulated 40 WATT Modular DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

FEC40 Datasheet(HTML) 2 Page - Astrodyne Corporation

  FEC40 Datasheet HTML 1Page - Astrodyne Corporation FEC40 Datasheet HTML 2Page - Astrodyne Corporation FEC40 Datasheet HTML 3Page - Astrodyne Corporation FEC40 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Isolated and Regulated 40 WATT Modular DC/DC Converters
f e c 4 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
fax: 508-823-8181
WWW.ASTRODYNe.cOM
INPUT SPecIfIcATIONS
Input Voltage Ranges:
24 VDC Nominal
18-36 VDC
48 VDC Nominal
36-75 VDC
Input Filter (Note 6)
L-C Type
Under Voltage Lockout
24V Input
DC-DC On: 17.8V
DC-DC Off: 16V
48V Input
DC-DC On: 36V
DC-DC Off: 34V
Input Voltage Variation dv/dt
5V / mS, max.
(Complies with ETS300 132 part 4.4)
Input Surge Voltage 100mS max. 24V Input
50VDC
48V Input
100VDC
Input Reflected Ripple (Note 7)
Nom I/P and FL
40mA Pk-Pk
Start Up Time
Nom. I/P and Static Resistive Load
25mS, typ.
Remote ON/OFF (Note 8)
DC-DC On: Open or 3.5V < Vr < 12V
DC-DC Off: Short or 0V < Vr < 1.2V
Remote Off Input Current
Nom. Input:
2.5mA
OUTPUT SPecIfIcATIONS
Output Power
40 Watts Max.
Voltage and Current
See Selection Chart
O/P Accuracy (FL & Nom I/P)
single/dual; +/- 1%
Triple Main: +/-1%
Triple Aux.: +/-3%
Voltage Adjust (Note 1)
+/-10%
Min. Load-Triple Only (Note 2)
10%
Load Regulation-10%-FL
singles: +/-0.5%
(Note 3)
duals: +/-1%
Triple Main: +/-2%
Triple Aux.: +/-5%
Line Regulation
single/dual; +/- 0.5%
Triple Main: +/-1%
Triple Aux.: +/-5%
Cross Regulation (Note 4)
single/dual/triple main +/-1%
triple aux. +/-5%
Temperature Coefficient
+/-0.02%/DegC, Max.
Ripple/Noise (Note 5)
See Selection Chart
Transient Response
(25% Load Step)
400uS
Voltage Stability
(singles/duals)
+/- 2%
(triples)
5 V:+/-2%, Aux: +/-5%
Over Load Protection
FL, Nom. I/P: 150% Max.
Short Circuit Protection
Hiccup, Auto Recovery
OVP Threshold, Zener Diode Clamp:
3.3V Output
3.9Volts
5V Output
6.2Volts
12V Output
15Volts
15V Output
18Volts
GeNeRAL SPecIfIcATIONS
Input-Out Isolation
1600VDC
Isolation Resistance
10-9nth Ohms
Isolation Capacitance
1000pF, Max.
Efficiency
See Selection Chart
Switching Frequency (Note 9)
300Khz, typ
eNVIRONMeNTAL SPecIfIcATIONS
Oper. Temperature
-40 to +85°C with derate
Storage Temperature
-55 to +105°C *
Relative Humidity
5 to 95% RH *
Maximum Case Temp
100°C *
Over Temp. Protection
115°C, typ.
Thermal Impedance (Note 11)
Convection:
9.2°C/Watt
Heat Sink w. 20LFM
8.5°C/Watt
Heat Sink w. 500LFM
2.8°C/Watt
Thermal Shock
MIL-STD-810D
Vibration
10-55Hz, 2G, 30 Minutes
along X, Y and Z Axes
MTBF (Note 10)
1.398 MHrs
PHYSIcAL SPecIfIcATIONS
Case Material
Nickel-Coated Copper
Non-Conductive Base
Construction
Fully Encapsulated with
UL94-VO Epoxy
Dimensions
2.0” x 2.0” x 0.40”
Weight
2.11 oz, (60g)
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com