Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803621 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803621
Description  ZBFM 6/WH,LGS:FORTL.ZAHLEN - Flat zack marker sheet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803621 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803621 Datasheet HTML 1Page - PHOENIX CONTACT 0803621 Datasheet HTML 2Page - PHOENIX CONTACT 0803621 Datasheet HTML 3Page - PHOENIX CONTACT 0803621 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Flat zack marker sheet, Sheet, white, labeled, printed horizontally: consecutive numbers from 1 .
.. 10, 11 ... 20, etc. up to 91 ... 100, mounting type: snap into flat marker groove, for terminal
block width: 6.2 mm, Number of individual labels: 100
Commercial data
Item number
0803621
Packing unit
1 pc
Sales key
BG05
Product key
BG2123
Weight per piece (including packing)
5.53 g
Weight per piece (excluding packing)
5.51 g
Customs tariff number
49119900
Country of origin
DE
ZBFM 6/WH,LGS:FORTL.ZAHLEN - Flat zack marker
sheet
0803621
https://www.phoenixcontact.com/us/products/0803621
Apr 29, 2025, 2:08AM
Page 1 (4)


Similar Part No. - 0803621

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803621-0031 PHOENIX-0803621-0031 Datasheet
40Kb / 2P
Marker for terminal blocks - ZBFM 6/WH,LGS:FORTL.ZAHLEN31
0803621-0041 PHOENIX-0803621-0041 Datasheet
40Kb / 2P
Marker for terminal blocks - ZBFM 6/WH,LGS:FORTL.ZAHLEN41
0803621-0051 PHOENIX-0803621-0051 Datasheet
40Kb / 2P
Marker for terminal blocks - ZBFM 6/WH,LGS:FORTL.ZAHLEN51
0803621-0061 PHOENIX-0803621-0061 Datasheet
40Kb / 2P
Marker for terminal blocks - ZBFM 6/WH,LGS:FORTL.ZAHLEN61
0803621-0071 PHOENIX-0803621-0071 Datasheet
40Kb / 2P
Marker for terminal blocks - ZBFM 6/WH,LGS:FORTL.ZAHLEN71
More results

Similar Description - 0803621

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800268 PHOENIX-0800268 Datasheet
50Kb / 2P
Flat zack marker sheet - ZBFM 4/WH,LGS:1-100
0800284 PHOENIX-0800284 Datasheet
52Kb / 2P
Zack marker strip - ZBFM 6/WH,LGS:1-100
0800734 PHOENIX-0800734 Datasheet
46Kb / 2P
Flat zack marker sheet - ZBFM 8/WH:UNBEDRUCKT
0803579 PHOENIX-0803579 Datasheet
48Kb / 2P
Flat zack marker sheet - ZBFM 4/WH:UNBEDRUCKT
0803595 PHOENIX-0803595 Datasheet
48Kb / 2P
Flat zack marker sheet - ZBFM 5/WH:UNBEDRUCKT
0803618 PHOENIX-0803618 Datasheet
47Kb / 2P
Flat zack marker sheet - ZBFM 6/WH:UNBEDRUCKT
18.05.2012
0803634 PHOENIX-0803634 Datasheet
55Kb / 2P
Flat zack marker sheet - ZBFM 4:SO/CMS
0803647 PHOENIX-0803647 Datasheet
55Kb / 2P
Flat zack marker sheet - ZBFM 5:SO/CMS
0803650 PHOENIX-0803650 Datasheet
55Kb / 2P
Flat zack marker sheet - ZBFM 6:SO/CMS
0807180 PHOENIX-0807180 Datasheet
51Kb / 2P
Flat zack marker sheet - ZBFM 5/0G UNPRINTED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com