Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0819084 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0819084
Description  UC-TM 4 VT - Marker for terminal blocks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0819084 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0819084 Datasheet HTML 1Page - PHOENIX CONTACT 0819084 Datasheet HTML 2Page - PHOENIX CONTACT 0819084 Datasheet HTML 3Page - PHOENIX CONTACT 0819084 Datasheet HTML 4Page - PHOENIX CONTACT 0819084 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Marker for terminal blocks, Sheet, violet, unlabeled, can be labeled with:
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, PLOTMARK, CMS-P1-PLOTTER,
mounting type: snap in, for terminal block width: 4.2 mm, Number of individual labels: 120
Your advantages
The UC-TM ... UniCard labeling range includes markers for products with tall marker grooves
•
The markers, which are supplied in uniform sheets, can be labeled quickly and easily using the BLUEMARK LED
•
The multi-section marking strips are easy to fit and can be easily separated if required
•
Marking service: Phoenix Contact can custom-mark all UniCard markers according to your specifications
•
The markers support multi-line labeling
•
The format automatically ensures printing with a high degree of positioning accuracy
•
The sheets provide space for including function texts
•
Commercial data
Item number
0819084
Packing unit
10 pc
Minimum order quantity
10 pc
Product key
BG2117
Catalog page
Page 118 (C-3-2017)
GTIN
4046356328777
Weight per piece (including packing)
12.67 g
Weight per piece (excluding packing)
8.9 g
Country of origin
PL
UC-TM 4 VT - Marker for terminal blocks
0819084
https://www.phoenixcontact.com/us/products/0819084
Apr 29, 2025, 12:14AM
Page 1 (5)


Similar Part No. - 0819084

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
08190 QUALTEK-08190 Datasheet
207Kb / 1P
WIRE FORM FAN GUARD (176mm)
logo
PHOENIX CONTACT
0819039 PHOENIX-0819039 Datasheet
190Kb / 5P
UC-WMC 7,5 (23X8) RD - Conductor marker
More results

Similar Description - 0819084

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0815910 PHOENIX-0815910 Datasheet
48Kb / 3P
Marker for terminal blocks - UC-TMF 6 VT
0818069 PHOENIX-0818069 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 10
0818072 PHOENIX-0818072 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 8
0818085 PHOENIX-0818085 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 6
0818111 PHOENIX-0818111 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 4
0819107 PHOENIX-0819107 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 5 VT
0819194 PHOENIX-0819194 Datasheet
49Kb / 2P
Marker for terminal blocks - UC-TM 12
0819217 PHOENIX-0819217 Datasheet
49Kb / 2P
Marker for terminal blocks - UC-TM 16
0824573 PHOENIX-0824573 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 4 CUS
0824586 PHOENIX-0824586 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 5 VT CUS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com