Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMA-5000 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # MSMA-5000
Description  5W Medical Grade Ultraminiature Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MSMA-5000 Datasheet(HTML) 2 Page - Astrodyne Corporation

  MSMA-5000 Datasheet HTML 1Page - Astrodyne Corporation MSMA-5000 Datasheet HTML 2Page - Astrodyne Corporation MSMA-5000 Datasheet HTML 3Page - Astrodyne Corporation MSMA-5000 Datasheet HTML 4Page - Astrodyne Corporation MSMA-5000 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
5W Medical Grade Ultraminiature Switching Power Supplies
M M A - 5 series
Single / Dual / Triple Outputs
Universal 85VAC to 265VAC Input
3.3VDC to 24VDC Outputs
4,000VAC Input to Output Isolation
PCB and Chassis Mount Packages
Full Safety Approvals
Model Number
Output Voltage
Output Amps
Output Watts
DUAL OUTPUT - PCB Mount
MDMA-5006
+/-12 VDC
+/-0.21
5W
MDMA-5007
+/-15 VDC
+/-0.17
5W
DUAL OUTPUT - Chassis Mount
MDMC-5006
+/-12 VDC
+/-0.21
5W
MDMC-5007
+/-15 VDC
+/-0.17
5W
DUAL OUTPUT - DIN Rail Mount
MDMC-5006/DRL
+/-12 VDC
+/-0.21
5W
MDMC-5007/DRL
+/-15 VDC
+/-0.17
5W
TRIPLE OUTPUT - PCB Mount
MTMA-5009
+5,+/-12 VDC
0.6,0.1/0.1
5W
MTMA-5011
+5,+/-15 VDC
0.45,0.1/0.1
5W
TRIPLE OUTPUT - Chassis Mount
MTMC-5009
+5,+/-12 VDC
0.6,0.1/0.1
5W
MTMC-5011
+5,+/-15 VDC
0.45,0.1/0.1
5W
TRIPLE OUTPUT - DIN Rail Mount
MTMC-5009/DRL
+5,+/-12 VDC
0.6,0.1/0.1
5W
MTMC-5011/DRL
+5,+/-15 VDC
0.45,0.1/0.1
5W
PCB 2.28”L x 1.77”W x 0.83”H
Chassis 3.77”L x 2.16”W x 1.0”H
Fully Approved
UL/CSA22.2 2601 File# E167432
EN60601-1 File# B021022749042



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com