Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMK40S Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # MMK40S
Description  Medical Grade 40 Watt Enclosed Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MMK40S Datasheet(HTML) 2 Page - Astrodyne Corporation

  MMK40S Datasheet HTML 1Page - Astrodyne Corporation MMK40S Datasheet HTML 2Page - Astrodyne Corporation MMK40S Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Medical Grade 40 Watt Enclosed Switching Power Supplies
M M K 4 0 s series
300 Myles standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTRODYNE.COM
INPUT sPECIFICATIONs
Input Voltage Range
90-264 VAC
Frequency Range
47-63 Hz
Inrush Current, typ:
20A @ 115VAC Input *
40A @ 230VAC Input *
OUTPUT sPECIFICATIONs
Voltage and Current
See Selection Chart
Load Regulation
5V: ± 2% of FS, typ
(0% to 100% Load)
All Others: ± 0.5%, typ
Line Regulation
± 0.5, typ
Preset Accuracy
1%, typ
DC Voltage Adjust (typ)
± 6% of FS
Temperature Coefficient
± 0.03%/°C
Ripple/Noise
See Selection Chart
Over Voltage Protection
Clamp *
Short Circuit Protection
Indefinite
Hold Up Time
16mS, typ (Nom I/P, FL)
Turn On Time
≤ 1.0 sec, typ
Rise Time
≤ 20 msec, typ
Over/Under Shoot
< 10% of FS
Leakage Current
≤ 0.3 mA @ 240VAC, 50 Hz
GENERAL sPECIFICATIONs
Isolation
I/P-O/P: 4000VAC
I/P-Ground: 2500VAC
O/P-Ground: 1000VAC
Efficiency
82%, typ 5V:76%
Switching Frequency
100Khz, (fixed, typical)
Safety Approvals
UL60601-1, EN60601-1, IEC60601-1
ENVIRONMENTAL sPECIFICATIONs
Oper. Temperature
0 to +60°C (See Derate)
Over Temp Protection
Latching, recoverable after
cooling and re-power
Storage Temperature
-25 to +85 C *
Relative Humidity
10% to +95%, non-cond *
EMI (Designed to Meet)
EN55011, Class B
IEC801-2,3,4
MTBF
100 kHrs
Mil Std 217, 25°C
PHYsICAL sPECIFICATIONs
Size
4.75” x 2.5” x 1.5”
Construction
Enclosed
Weight
9.6 oz, (272g)
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com