Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMA-1503 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # MSMA-1503
Description  15W Medical Grade Ultraminiature Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MSMA-1503 Datasheet(HTML) 2 Page - Astrodyne Corporation

  MSMA-1503 Datasheet HTML 1Page - Astrodyne Corporation MSMA-1503 Datasheet HTML 2Page - Astrodyne Corporation MSMA-1503 Datasheet HTML 3Page - Astrodyne Corporation MSMA-1503 Datasheet HTML 4Page - Astrodyne Corporation MSMA-1503 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
15W Medical Grade Ultraminiature Switching Power Supplies
M M A - 1 5 series
Model Number
Output Voltage
Output Amps
Output Watts
DUAL OUTPUT - PCB Mount
MDMA-1506
+/-12 VDC
+/-0.63
15W
MDMA-1507
+/-15 VDC
+/-0.5
15W
MDMA-1508
+5/12 VDC
1.5/0.63
15W
DUAL OUTPUT - Chassis Mount
MDMC-1506
+/-12 VDC
+/-0.63
15W
MDMC-1507
+/-15 VDC
+/-0.5
15W
MDMC-1508
+5/12 VDC
1.5/0.63
15W
DUAL OUTPUT - DIN Rail Mount
MDMC-1506/DRL
+/-12 VDC
+/-0.63
15W
MDMC-1507/DRL
+/-15 VDC
+/-0.5
15W
MDMC-1508/DRL
+5/12 VDC
1.5/0.63
15W
TRIPLE OUTPUT - PCB Mount
MTMA-1509
+5,+/-12 VDC
2.5,0.1/0.1
15W
MTMA-1511
+5,+/-15 VDC
2.5,0.1/0.1
15W
TRIPLE OUTPUT - Chassis Mount
MTMC-1509
+5,+/-12 VDC
2.5,0.1/0.1
15W
MTMC-1511
+5,+/-15 VDC
2.5,0.1/0.1
15W
TRIPLE OUTPUT - DIN Rail Mount
MTMC-1509/DRL
+5,+/-12 VDC
2.5,0.1/0.1
15W
MTMC-1511/DRL
+5,+/-15 VDC
2.5,0.1/0.1
15W
PCB 2.75”L x 1.89”W x 0.93”H
Chassis 3.96”L x 2.16”W x 1.0”H
Single / Dual / Triple Outputs
Universal 85VAC to 265VAC Input
3.3VDC to 24VDC Outputs
4,000VAC Input to Output Isolation
PCB and Chassis Mount Packages
Full Safety Approvals
Fully Approved
UL/CSA22.2 2601 File# E167432
EN60601-1 File# B021022749034



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com