Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS027J Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS027J
Description  BOS 6K-XT-RS10-PU-03
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS027J Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS027J Datasheet HTML 1Page - Balluff Korea Ltd. BOS027J Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photoelectric Sensors
BOS 6K-XT-RS10-PU-03
Order Code: BOS027J
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-01
Subject to change without notice: 267404
ETIM 6.0: EC002716
BOS027J_1.22_2025-03-27
2 / 2
Optical features
Beam characteristic
Divergent
Light spot size
1200 x 1200 mm at 15 m
Light type
LED, red light
Principle of optical operation
Through-beam sensor (Emitter)
Wave length
660 nm
Range/Distance
Range
0...13 m
Rated operating distance Sn
13 m, Adjustable
Remarks
For additional information, refer to user's guide.
Order accessories separately.
When using as a UL product the ambient temperature Ta max. must not exceed 50°C.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Wiring Diagrams (Schematic)
Opto Symbols



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com