Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4607A-2 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC4607A-2
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607A-2 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC4607A-2 Datasheet HTML 9Page - Microchip Technology MIC4607A-2 Datasheet HTML 10Page - Microchip Technology MIC4607A-2 Datasheet HTML 11Page - Microchip Technology MIC4607A-2 Datasheet HTML 12Page - Microchip Technology MIC4607A-2 Datasheet HTML 13Page - Microchip Technology MIC4607A-2 Datasheet HTML 14Page - Microchip Technology MIC4607A-2 Datasheet HTML 15Page - Microchip Technology MIC4607A-2 Datasheet HTML 16Page - Microchip Technology MIC4607A-2 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
 2024 Microchip Technology Inc. and its subsidiaries
DS-20006957A-page 13
MIC4607A
3.0
PIN DESCRIPTIONS
The descriptions of the pins is listed in Table 3-1.
TABLE 3-1:
VQFN PIN FUNCTION TABLE
Pin Number
VQFN
Pin Name
Description
MIC4607A-1
MIC4607A-2
1
BHI
BPWM
High-side input (-1) or PWM input (-2) for Phase B.
2
ALI
NC
Low-side input (-1) or no connect (-2) for Phase A.
3
AHI
APWM
High-side input (-1) or PWM input (-2) for Phase A.
4EN
EN
Active-high enable input. High input enables all outputs and initiates
normal operation. Low input shuts down device into a low LQ mode.
5
FLT/
FLT/
Open-Drain. FLT/ pin goes low when outputs are latched off due to an
overcurrent event. Must be pulled-up to an external voltage with a
resistor.
6BHB
BHB
Phase B High-Side Bootstrap Supply. An external bootstrap capacitor
is required. Connect the bootstrap capacitor across this pin and BHS.
An on-board bootstrap diode is connected from VDD to BHB.
7BHO
BHO
Phase B High-Side Drive Output. Connect to the gate of the external
high-side power MOSFET.
8BHS
BHS
Phase B High-Side Driver Return. Connect to the bootstrap capacitor
and to a resistor that connects to the source of the external MOSFET.
See the Applications section for additional information on the resistor.
9BLO
BLO
Phase B Low-Side Drive Output. Connect to the gate of the low-side
power MOSFET gate.
10
NC
NC
No Connect.
11
ILIM-
ILIM-
Differential Current-Limit Input. Connect to the most negative end of
the external current-sense resistor.
12
VSS
VSS
Power Ground for Phase A and Phase B.
13
ILIM+
ILIM+
Differential Current-Limit Input. Connect to most positive end of the
external current-sense resistor.
14
ALO
ALO
Phase A Low-Side Drive Output. Connect to the gate of the low-side
power MOSFET gate.
15
AHS
AHS
Phase A High-Side Driver Return. Connect to the bootstrap capacitor
and to a resistor that connect to the source of the external MOSFET.
See the Applications section for additional information on the resistor.
16
AHO
AHO
Phase A High Side Drive Output. Connect to the gate of the external
high-side power MOSFET.
17
AHB
AHB
Phase A High-Side Bootstrap Supply. An external bootstrap capacitor
is required. Connect the bootstrap capacitor across this pin and AHS.
An on-board bootstrap diode is connected from VDD to AHB.
18
VDD
VDD
Input Supply for Gate Drivers and Internal Logic/Control Circuitry.
Decouple this pin to VSS with a minimum 2.2 µF ceramic capacitor.
19
DLY
DLY
Fault Delay. Connect an external capacitor from this pin to ground to
increase the current-limit reset delay. Leave open for minimum delay.
Do not externally drive this pin.
20
VSS
VSS
Phase C Power and Control Circuitry Ground.
21
CLO
CLO
Phase C Low-Side Drive Output. Connect to the gate of the low-side
power MOSFET gate.
22
CHS
CHS
Phase C High-Side Driver Return. Connect to the bootstrap capacitor
and to a resistor that connects to the source of the external MOSFET.
See the Applications section for additional information on the resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com