Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OFM15 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # OFM15
Description  15W Ultraminiature Open Frame Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

OFM15 Datasheet(HTML) 2 Page - Astrodyne Corporation

  OFM15 Datasheet HTML 1Page - Astrodyne Corporation OFM15 Datasheet HTML 2Page - Astrodyne Corporation OFM15 Datasheet HTML 3Page - Astrodyne Corporation OFM15 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
15W Ultraminiature Medical Grade Switching Power Supplies
O F M 1 5 / M series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Universal 85-265VAC Input
High Efficiency
Regulated Outputs
4000V Isolation
Single and Dual Outputs
UL60601-1, EN60601-1, & IEC60601 Approved
Model Number
Output Voltage
Output Amps(max)
(pk)
SINGLE OUTPUT
OFM-1500/M
3.3 VDC
3.5A
3.8A
OFM-1501/M
5 VDC
3A
3.6A
OFM-1502/M
12 VDC
1.25A
1.5A
OFM-1503/M
15VDC
1A
1.25A
OFM-1505/M
24VDC
0.63A
0.75A
DUAL OUTPUT
OFM-1506/M
+/-12VDC
+/-0.63A
+/-0.8A
OFM-1507/M
+/-15VDC
+/-0.5A
+/-0.65A
Order On-Line!
astrodyne.com
1.89”W x 2.76”L x 0.98”H



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com