Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OFM20 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # OFM20
Description  20W Ultraminiature Open Frame Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

OFM20 Datasheet(HTML) 1 Page - Astrodyne Corporation

  OFM20 Datasheet HTML 1Page - Astrodyne Corporation OFM20 Datasheet HTML 2Page - Astrodyne Corporation OFM20 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
20W Ultraminiature Open Frame Switching Power Supplies
O F M 2 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Universal 85-265VAC Input
High Efficiency
Regulated Outputs
3000V Isolation
Single and Dual Outputs
UL60950-1, EN60950-1 & IEC60950-1 Approved
Model Number
Output Voltage
Output Amps(max)
(pk)
SINGLE OUTPUT
OFM-0200
3.3 VDC
5.4A
6.5A
OFM-0201
5 VDC
4.4A
5.2A
OFM-0202
12 VDC
1.8A
2.2A
OFM-0203
15VDC
1.4A
1.7A
OFM-0205
24VDC
0.92A
1.1A
DUAL OUTPUT
OFM-0206
+/-12VDC
+/-0.92A
+/-1.1A
OFM-0207
+/-15VDC
+/-0.73A
+/-0.87A
Order On-Line!
astrodyne.com
2.0”W x 3.5”L x 0.8”H


Similar Part No. - OFM20

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
OFM20 ASTRODYNE-OFM20_16 Datasheet
179Kb / 3P
20W Ultraminiature Open Frame Switching Power Supplies
More results

Similar Description - OFM20

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASL60 ASTRODYNE-ASL60 Datasheet
726Kb / 4P
60W Ultraminiature Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10 Datasheet
619Kb / 4P
10W Ultraminiature Open Frame Switching Power Supplies
EFM15 ASTRODYNE-EFM15 Datasheet
566Kb / 4P
15W Ultraminiature Open Frame Switching Power Supplies
LFM20 ASTRODYNE-LFM20 Datasheet
938Kb / 2P
20W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10 Datasheet
711Kb / 4P
10W Ultraminiature Open Frame Switching Power Supplies
OFM15 ASTRODYNE-OFM15 Datasheet
654Kb / 4P
15W Ultraminiature Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10_16 Datasheet
366Kb / 4P
10W Ultraminiature Open Frame Switching Power Supplies
LFM20 ASTRODYNE-LFM20_16 Datasheet
285Kb / 2P
20W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10_16 Datasheet
316Kb / 5P
10W Ultraminiature Open Frame Switching Power Supplies
OFM20 ASTRODYNE-OFM20_16 Datasheet
179Kb / 3P
20W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com