Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803072 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803072
Description  TMT (EX5,5)R CUS - Marker for terminal blocks
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803072 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803072 Datasheet HTML 1Page - PHOENIX CONTACT 0803072 Datasheet HTML 2Page - PHOENIX CONTACT 0803072 Datasheet HTML 3Page - PHOENIX CONTACT 0803072 Datasheet HTML 4Page - PHOENIX CONTACT 0803072 Datasheet HTML 5Page - PHOENIX CONTACT 0803072 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Product properties
Product type
Labeled terminal marker
Area of application
IDEC: Marker strips for connection terminal blocks
Type
flat
Marking
Identification technology
Thermal transfer for rolls
Mounting
Mounting type
snap into universal marker groove
Material specifications
RoHS compliant
yes
Color
white (RAL 9010)
Material
PVC
Components
Silicone-free
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Scratch test for the determining scratch resistance
Specification
DIN EN ISO 1518-1:2019-10 (following)
Requirements
≥ 5 N
Result
Test passed
Tesafilm test
Specification
DIN EN ISO 2409:2013 (following)
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Temperature resistance
Specification
ANSI/UL 969-2018:03 (following)
Test duration
240 h
Rating 100 °C (121 °C)
Test passed
Wipe resistance of inscriptions
DIN EN 61010-1 (VDE 0411-01):2020-03
Specification
DIN EN 62208 (VDE 0660-511):2012-06 (in parts)
TMT (EX5,5)R CUS - Marker for terminal blocks
0803072
https://www.phoenixcontact.com/us/products/0803072
May 2, 2025, 1:43AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com