Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803076 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803076
Description  TMT (EX7,5)R CUS - Marker for terminal blocks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803076 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803076 Datasheet HTML 1Page - PHOENIX CONTACT 0803076 Datasheet HTML 2Page - PHOENIX CONTACT 0803076 Datasheet HTML 3Page - PHOENIX CONTACT 0803076 Datasheet HTML 4Page - PHOENIX CONTACT 0803076 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Marker for terminal blocks, can be ordered: by line, white, labeled according to customer
specifications, mounting type: snap into universal marker groove, snap into flat marker groove,
text field height: 50000 mm, text field width: 7.5 mm
Your advantages
The TMT labeling range includes markers for all products with tall and flat marker grooves
•
Labeling service: Phoenix Contact can custom-label all TMT ... markers in accordance with your requirements
•
Commercial data
Item number
0803076
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8111
Catalog page
Page 266 (NTK-2014)
GTIN
4046356935739
Weight per piece (including packing)
1 g
Weight per piece (excluding packing)
1 g
Country of origin
PL
TMT (EX7,5)R CUS - Marker for terminal blocks
0803076
https://www.phoenixcontact.com/us/products/0803076
May 2, 2025, 2:38AM
Page 1 (5)


Similar Part No. - 0803076

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803071 PHOENIX-0803071 Datasheet
186Kb / 6P
TMT (EX12)R - Marker for terminal blocks
0803072 PHOENIX-0803072 Datasheet
185Kb / 6P
TMT (EX5,5)R CUS - Marker for terminal blocks
0803073 PHOENIX-0803073 Datasheet
182Kb / 5P
TMT (EX6,2)R CUS - Marker for terminal blocks
0803075 PHOENIX-0803075 Datasheet
183Kb / 5P
TMT (EX6,5)R CUS - Marker for terminal blocks
0803077 PHOENIX-0803077 Datasheet
182Kb / 5P
TMT (EX8)R CUS - Marker for terminal blocks
More results

Similar Description - 0803076

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803064 PHOENIX-0803064 Datasheet
53Kb / 2P
Marker for terminal blocks - TMT (EX6,5)R
0824488 PHOENIX-0824488 Datasheet
58Kb / 4P
Marker for terminal blocks - TMT 6 R CUS
0824509 PHOENIX-0824509 Datasheet
53Kb / 3P
Marker for terminal blocks - UC1-TM 6 CUS
0824511 PHOENIX-0824511 Datasheet
53Kb / 3P
Marker for terminal blocks - UC1-TM 8 CUS
0824513 PHOENIX-0824513 Datasheet
53Kb / 3P
Marker for terminal blocks - UC1-TMF 4 CUS
0824515 PHOENIX-0824515 Datasheet
53Kb / 3P
Marker for terminal blocks - UC1-TMF 5 CUS
0824597 PHOENIX-0824597 Datasheet
48Kb / 2P
Marker for terminal blocks - UC-TM 8 CUS
0824654 PHOENIX-0824654 Datasheet
52Kb / 3P
Marker for terminal blocks - UC-TMF 8 CUS
0829581 PHOENIX-0829581 Datasheet
55Kb / 3P
Marker for terminal blocks - UCT-TM 3,5 CUS
0829644 PHOENIX-0829644 Datasheet
55Kb / 4P
Marker for terminal blocks - UCT-TMF 3,5 CUS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com