Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPH3006L Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # CPH3006L
Description  Ultrafast Recovery Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

CPH3006L Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  CPH3006L Datasheet HTML 1Page - Inchange Semiconductor Company Limited CPH3006L Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultrafast Recovery Rectifier Diode
CPH3006L
www.iscsemi.com
1
FEATURES
· low forward voltage
· Fast recovery time
· 175℃ operating junction temperature
APPLICATIONS
· Uninterruptible Power Supply (UPS)
· DC-DC converters
· Switching Mode Power Supply
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
30
A
IFSM
Non-repetitive Peak Surge Current
(Surge applied at rated load conditions
half-
wave, single phase, 60Hz)
230
A
TJ
Max. Junction Temperature
175
℃
Tstg
Storage Temperature Range
-60~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.4
℃
/W


Similar Part No. - CPH3006L

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3004 SANYO-CPH3004 Datasheet
48Kb / 7P
High-Frequency Medium-Power Amplifier Applications
More results

Similar Description - CPH3006L

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT15D100K ADPOW-APT15D100K Datasheet
55Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D30K ADPOW-APT15D30K Datasheet
22Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D60K ADPOW-APT15D60K Datasheet
53Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT30D30B ADPOW-APT30D30B Datasheet
30Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT30D30S ADPOW-APT30D30S Datasheet
33Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT60D120B ADPOW-APT60D120B Datasheet
56Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT2X61D120J ADPOW-APT2X61D120J_05 Datasheet
147Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D40K ADPOW-APT15D40K_05 Datasheet
123Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D60BCA ADPOW-APT15D60BCA_05 Datasheet
125Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Seme LAB
1N5806D2A SEME-LAB-1N5806D2A Datasheet
199Kb / 4P
ULTRAFAST RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com