Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCT-ARPAD Datasheet(PDF) 1 Page - Metcal

Part # PCT-ARPAD
Description  PCT-100 Pre-heater Convection Tool
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

PCT-ARPAD Datasheet(HTML) 1 Page - Metcal

  PCT-ARPAD Datasheet HTML 1Page - Metcal PCT-ARPAD Datasheet HTML 2Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.metcal.com
Rework small boards directly on the PCT-100
This pre-heater targets heat for improved
speed and efficiency for high thermal
demand applications, including lead-free.
Used for SMT and through-hole hand
processes, the PCT-100
uses convection air heating to heat a
PCB first, for better soldering, improved
process control and increased produc-
tivity.
The PCT-100 Pre-heater Convection
Tool adds heat volume, without turning
up the temperature, to perform assem-
bly tasks at the appropriate peak tem-
perature without distorting the board.
Ideal for thick boards and smaller
boards, such as cell phone and PDAs,
the pre-heater focuses and delivers hot
air where you need it. When finished,
the fan continues without heat to cool down
the board.
The system is easy-to-use. Simply plug
it in, turn it on, adjust the heat and it’s
ready for work.
Accessories add to ease-of-use
The PCT-100 can be used with or with-
out a board holder. An Arm Rest is also
available to steady your hand and keep
your arm from being fatigued. The board
holder and arm rest are available as a
complete kit, with the PCT-100, or they
can be purchased separately.
Focused heat for high thermal demand applications
PCT-100 Pre-heater
Convection Tool


Similar Part No. - PCT-ARPAD

ManufacturerPart #DatasheetDescription
logo
Metcal
PCT-ARPAD METCAL-PCT-ARPAD Datasheet
5Mb / 64P
Soldering Tools and Equipment for Electronics Assembly
More results

Similar Description - PCT-ARPAD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YB80-240 ETC-YB80-240 Datasheet
123Kb / 1P
PTC Heater
logo
XP Power Limited
JPS XPPOWER-JPS Datasheet
167Kb / 2P
100 W Convection-cooled
logo
API Technologies Corp
1452 APITECH-1452 Datasheet
501Kb / 1P
Convection Cooled
logo
XP Power Limited
ECS100 XPPOWER-ECS100 Datasheet
1Mb / 10P
80/100 W Convection & Force-cooled Ratings
logo
STEGO Elektrotechnik Gm...
CP061 STEGO-CP061 Datasheet
177Kb / 1P
FLAT HEATER
19.08.2020
HG140 STEGO-HG140 Datasheet
151Kb / 1P
SEMICONDUCTOR HEATER
19.03.2019
LP165 STEGO-LP165 Datasheet
583Kb / 1P
ENCLOSURE HEATER
11.11.2022
LPS164 STEGO-LPS164 Datasheet
352Kb / 1P
ENCLOSURE HEATER
11.11.2022
LTF065 STEGO-LTF065 Datasheet
474Kb / 1P
ENCLOSURE HEATER
11.11.2022
LTS064 STEGO-LTS064 Datasheet
484Kb / 1P
ENCLOSURE HEATER
11.11.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com