Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCT-1000 Datasheet(PDF) 2 Page - Metcal

Part # PCT-1000
Description  Modular Convection Rework System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

PCT-1000 Datasheet(HTML) 2 Page - Metcal

  PCT-1000 Datasheet HTML 1Page - Metcal PCT-1000 Datasheet HTML 2Page - Metcal PCT-1000 Datasheet HTML 3Page - Metcal PCT-1000 Datasheet HTML 4Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HCT-1000ProgrammableHandHeldConvectionTool
The HCT-1000 System is a fully programmable hand held convection rework tool
that can both remove and place SMTcomponents. It features digital controls, in-
ternal or external thermocouple feedback control, program storage of up to 50
profiles and integrated vacuum pick-up for component placement and removal.
Additionally, with multiple modes of operation including manual, 4 zone heating,
and as part of the MRS-1100ASystem, the HCT-1000 stands out as a versatile
convection tool.
The hand-piece features vacuum and reflow buttons allowing the process to be
operated manually or automatically through a profile when used as part of the
Modular Rework System (MRS).Additionally, the vacuum has automatic lift off of
components, at the end of the removal profile, taking guesswork out of the oper-
ators’hands and improving process control.
As part of the MRS System, the HCT-1000 is connected via a cable to the
PCT-1000, and may be used withATH-1100AAdjustableTool Holder. In this
mode the HCT-1000 provides timing control for both units and theATH-1100Aal-
lows repeatable place and remove operations.
ATH-1100AAdjustableToolHolder
TheATH-1100AAdjustableTool Holder is designed to work with the HCT-1000 or
as part of the MRS-1100ASystem.The tool holder uses theAdvanced Head
Assembly which features 4” of Z axis adjustment, ½” fine adjustment of the X &Y
axis as well as 30°
θadjustment.Italsofeatureslockinghand-pieceretainer,Z
axis stop and mounting configurations for stand-alone operation or integrated as
part of the MRS-1100A.TheATH-1100Ais sturdy and easy to attach to the PCT-
1000 Programmable Preheater when incorporated into the MRS System.
PCT-1000ProgrammablePreheater
The PCT-1000 is a programmable preheater that provides users the ability to
increase heat capacity with highly controlled thermal output.The PCT-1000 can
be used in a variety of processes including soldering, desoldering, SMD rework
operations and, with its added heat capacity, will provide faster production rates
while lowering overall process temperatures.
The preheater can be used in two modes; manual for constant heater temperature,
and profile for greater control to maintain PCB board temperature with external
thermocouple feedback.
With four programmable heating zones and one cooling zone, users select time
and temperature targets, creating a preheat thermal profile.The PCT-1000 also
has an advanced heater control function where the temperature is controlled either
at the heater output (internal) or at the board (external thermocouple).
The PCT-1000 is equipped with an advanced convection heater creating a vortex
effect that efficiently directs and concentrates heat.
BH-2000BoardHolder
The BH-2000 is a free-standing board holder that provides a solid and stable base
for a variety of PCB’s. The unit features easily adjustable rails to accommodate
boards 8” (203mm) x 12” (305mm).
The4componentsbelowcanbepurchasedasacompletesystem
(MRS-1100A)orasseparateitems.
ConfiguretheSystemtoyourNeeds.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com