Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCT-FS1 Datasheet(PDF) 4 Page - Metcal

Part # PCT-FS1
Description  Modular Convection Rework System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

PCT-FS1 Datasheet(HTML) 4 Page - Metcal

  PCT-FS1 Datasheet HTML 1Page - Metcal PCT-FS1 Datasheet HTML 2Page - Metcal PCT-FS1 Datasheet HTML 3Page - Metcal PCT-FS1 Datasheet HTML 4Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PartNumber
Description
MRS-1100A
ModularReworkSystemAdvanced.
Incl.:HCT-1000,PCT-1000,ATH-1100AandBH-2000
HCT-1000
ProgrammableHandHeldConvectionToolIncl.:
HCT-PS1000
HCT-1000 Power Supply
HCT-HV1
Hand-piece with integral vacuum, cord and connector
HCTA-VC50-5
Vacuum Cup, 3/16” (5.00mm), pack of 5
HCTA-VC64-5
Vacuum Cup, ¼” (6.4mm), pack of 5
HCTA-VC80-5
Vacuum Cup, 5/16” (8mm), pack of 5
HCTA-VC11-5
Vacuum Cup, 7/16” (11mm), pack of 5
HCTA-TH1
Hand-pieceTool Holder
HNA-1
NozzleAdapter
HCTA-NW1
Nozzle Wrench
AC-TCK-36-36
Thermocouple 36AWG, pack of 2
HCTA-CC
Communications Cable 4ft
HN-J0005
5mm ∅ nozzle
ATH-1100A
AdjustableToolHolder,AdvancedHead(nobase)
PCT-1000
ProgrammablePreheaterIncl.:
AC-TCK-36-36
Thermocouple 36AWG, pack of 2
PCT-FS1
PCT-1000 Foot Switch
BH-2000
FreeStandingBoardHolder
Nozzles ComponentDimension*
HN-B0707 7mmX7mm,CSP,LGA44
HN-B1010 10mmX10mm,CSP,LGA178, LCC28
HN-B1414 14mmX14mm
HN-B1408 14mmX8mm,CSP,SOIC24M
HN-B1515 15mmX15mm,BGA
HN-B1818 18mmX18mm,PLCC44,CSP,TQFP100,BGA
HN-B2525 25mmx25mm,BGA,PLCC68
HN-B1809 18.2mmX8.5mm,SOJ28,SOIC28M,TSOP32
HN-B2519 24.5mmX18.5mm, QFP100,QFP80
HN-B2727 27mmX27mm,BGA
HN-B3232 32mmX32mm,BGA
HN-B3535 35mmX35mm,BGA
HN-B4040 40mmX40mm,BGA
HN-J0005 5mm∅, DISCRETE
* For the nozzle internal dimension,
2mm have been added to each side
to allow for component access.
SystemsandNozzlesSelection
LM-1000A
BH-2000
Magnification 4x
Maximum board size
8”x12”(203mmx305mm)
Lighting
8 LEDs, white
Maximum thickness
.25” (6mm)
Power
24V DC
Lens Size
90mm diameter
TECHNICALSPECIFICATIONS
PCT-1000
HCT-1000
Size
13" x 8" x 3" (330 x 203 x 76mm)
9" x 7" x 6 " (229 x 178 x 152)
Weight
7.5 lbs (3.4kg)
12 lbs. (5.4kg)
Rated Power
1200 W
600 W
Input Voltage
100-240 VAC, 50/60 Hz
100-240 VAC, 50/60 Hz
StorageTemperature
0°C to 50°C (32°F to 122°F)
0°C to 50°C (32°F to 122°F)
Air Flow
19 cfm
5-25 l/minute
Vacuum Pump
15" Hg (381mm Hg)
Noise Level
<55 dB
SourceTemperature Range
25°C to 400°C (77°F to 752°F)
Up to 450°C (840°F)
Operational Modes
Setup, Run, Manual,Active Setup
Display
LCD 20 x 4 display segments
Number of Programs
50 memory locations
Number of Zones
5 (4 Heat Zones, 1 Cool Down Zone)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com