Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA84006F/FG Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA84006F/FG
Description  Three-Phase Wave Motor Driver IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA84006F/FG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA84006F/FG Datasheet HTML 1Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 2Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 3Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 4Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 5Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 6Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 7Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 8Page - Toshiba Semiconductor TA84006F/FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TA84006F/FG
2006-3-6
1
TOSHIBA Bipolar Linear IC
Silicon Monolithic
TA84006F/FG
Three-Phase Wave Motor Driver IC
The TA84006F/FG is a three-phase wave motor driver IC. Used
with a three-phase sensorless controller (TB6548F/FG or
TB6537P/PG), the TA84006F/FG can provide PWM sensorless
drive for three-phase brushless motors.
Features
• Built-in voltage detector
• Overcurrent detector incorporated
• Overheating protector incorporated
• Multichip (MCH) structure
Uses Pch-MOS for the upper output power transistor
• Rated at 25 V/1.0 A
• Package: SSOP30-P-375-1.00
Note 1: This product has a multichip (MCP) structure utilizing Pch-MOS technology. The Pch-MOS structure is
sensitive to electrostatic discharge and should therefore be handled with care.
Weight: 0.63 g (typ.)
TA84006FG:
The TA84006FG is Pb-free product.
The following conditions apply to solderability:
*Solderability
1. Use of Sn-37Pb solder bath
*solder bath temperature = 230ºC
*dipping time = 5 seconds
*number of times = once
*use of R-type flux
2. Use of Sn-3.0Ag-0.5Cu solder bath
*solder bath temperature = 245ºC
*dipping time = 5 seconds
*number of times = once
*use of R-type flux


Similar Part No. - TA84006F/FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA84006F TOSHIBA-TA84006F Datasheet
251Kb / 21P
Three-Phase Wave Motor Driver IC
TA84006FG TOSHIBA-TA84006FG Datasheet
251Kb / 21P
Three-Phase Wave Motor Driver IC
More results

Similar Description - TA84006F/FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8483CP TOSHIBA-TA8483CP Datasheet
602Kb / 19P
THREE-PHASE ALL WAVE DRIVER IC
TA8492P TOSHIBA-TA8492P Datasheet
178Kb / 13P
Three-Phase Full-Wave Brushless DC Motor Driver IC
TA84005F TOSHIBA-TA84005F Datasheet
250Kb / 21P
Three-Phase Wave Motor Driver IC
TA84006F TOSHIBA-TA84006F Datasheet
251Kb / 21P
Three-Phase Wave Motor Driver IC
TA8492P TOSHIBA-TA8492P_06 Datasheet
245Kb / 14P
Three-Phase Full-Wave Brushless DC Motor Driver IC
logo
Rohm
BD67173NUX ROHM-BD67173NUX Datasheet
2Mb / 30P
Three-Phase Full-Wave Fan Motor Driver
BD6346FV ROHM-BD6346FV Datasheet
1Mb / 25P
Three-phase Full-wave Fan Motor Driver
BD6326ANUX ROHM-BD6326ANUX Datasheet
1Mb / 26P
Three-Phase Full-Wave Fan Motor Driver
BD63242EFV ROHM-BD63242EFV Datasheet
1Mb / 33P
Three-phase Full-wave Fan Motor Driver
BD63282EFV ROHM-BD63282EFV Datasheet
2Mb / 31P
Three-phase Full-wave Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com