Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535CEU6 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32U535CEU6
Description  Getting started with STM32CubeU5 for STM32U5 series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535CEU6 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32U535CEU6 Datasheet HTML 12Page - STMicroelectronics STM32U535CEU6 Datasheet HTML 13Page - STMicroelectronics STM32U535CEU6 Datasheet HTML 14Page - STMicroelectronics STM32U535CEU6 Datasheet HTML 15Page - STMicroelectronics STM32U535CEU6 Datasheet HTML 16Page - STMicroelectronics STM32U535CEU6 Datasheet HTML 17Page - STMicroelectronics STM32U535CEU6 Datasheet HTML 18Page - STMicroelectronics STM32U535CEU6 Datasheet HTML 19Page - STMicroelectronics STM32U535CEU6 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
5
Getting started with STM32CubeU5
5.1
Running a first example
This section explains how simple it is to run a first example on an STM32U5 series board. The program simply
toggles an LED on the NUCLEO-U575ZI-Q board:
Download the STM32CubeU5 MCU package. Unzip it into an appropriate directory. Make sure the package
structure shown in Figure 4 is not modified. Note that it is also recommended to copy the package as close as
possible to the root volume (for example C\ST or G:\Tests) because some IDEs encounter problems when the
path length is too long.
5.1.1
Running a first TrustZone-enabled example
Before loading and running a TrustZone-enabled example, it is mandatory to read the example readme file for any
specific configuration. It insures that the security is enabled as described in section 4.2.1 (TZEN=1 (user option
byte)).
1. Browse to \Projects\NUCLEO-U575ZI-Q\Examples.
2. Open \GPIO, then \GPIO_IoToggle_TrustZone folders.
3. Open the project with the preferred toolchain. A quick overview on how to open, build, and run an example
with the supported toolchains is given below.
4. Rebuild in sequence all secure and nonsecure project files and load the secure and nonsecure images into
target memory.
5. Run the example: on a regular basis, the secure application toggles LED1 every second and nonsecure
application toggles LED2 twice as fast (for more details, refer to the example readme file).
To open, build and run an example with the supported toolchains, follow the steps below:
•
EWARM
1. Open \EWARM subfolder under the example folder.
2. Launch the Project.eww workspace.
3. Set the "xxxxx_S" as an active application (right click on xxxxx_S project set as active).
4. Rebuild the xxxxx_S secure project files: Project → Rebuild all.
5. Rebuild the xxxxx_NS nonsecure project files: Right click on xxxxx_NS project → Rebuild all.
6. Flash the secure and nonsecure binaries with the download and debug button (Ctrl+D).
7. Run program: Debug → go(F5).
UM2883
Getting started with STM32CubeU5
UM2883 - Rev 4
page 16/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com