Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535CEU6Q Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM32U535CEU6Q
Description  Getting started with STM32CubeU5 for STM32U5 series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535CEU6Q Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM32U535CEU6Q Datasheet HTML 4Page - STMicroelectronics STM32U535CEU6Q Datasheet HTML 5Page - STMicroelectronics STM32U535CEU6Q Datasheet HTML 6Page - STMicroelectronics STM32U535CEU6Q Datasheet HTML 7Page - STMicroelectronics STM32U535CEU6Q Datasheet HTML 8Page - STMicroelectronics STM32U535CEU6Q Datasheet HTML 9Page - STMicroelectronics STM32U535CEU6Q Datasheet HTML 10Page - STMicroelectronics STM32U535CEU6Q Datasheet HTML 11Page - STMicroelectronics STM32U535CEU6Q Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
3.2.2
Examples based on the middleware components
Each middleware component comes with one or more examples (called also applications) showing how to use it.
Integration examples that use several middleware components are provided as well.
3.3
Level 2
This level is composed of a single layer that consists in a global real-time and graphical demonstration based on
the middleware service layer, the low-level abstraction layer, and the basic peripheral usage applications for board
based features.
3.4
Utilities
Alike all STM32Cube firmware packages, the STM32CubeU5 provides a set of utilities that offer miscellaneous
software and additional system resources services. They can be used either by the application, or the different
STM32Cube firmware intrinsic middleware and components.
3.4.1
LPBAM utility
The STM32U5 series embeds the Low Power Background Autonomous Mode subsystem, which is s an
operating mode that allows peripherals to be functional and autonomous independently from power modes and
without any software running. It can chain diverse operations thanks to DMA linked-list transfers.
The LPBAM utility is a set of modular drivers located under the utilities folder in the STM32Cube firmware
package. It provides two user levels of abstraction: Basic and advanced levels.
Figure 3. LPBAM utility layers
The LPBAM utility is based on layers:
•
The first level of abstraction is a hardware agnostic layer named basic LPBAM layer. It gives to the users a
full granularity of scenarios creation via transversal APIs.
•
The second level of abstraction is a hardware agnostic layer named advanced LPBAM layer. It provides a
predefined scenario (set of elementary nodes) that can be customized and concatenated to build an end
user application.
•
The platform layer contains device specific constants to be used by the applicative side.
•
The LL LPBAM layer (low level) is used by the basic and the advanced LPBAM layers. It contains the
device specific mechanisms for each supported peripheral.
UM2883
STM32CubeU5 architecture overview
UM2883 - Rev 4
page 8/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com