Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CEU6 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM32U545CEU6
Description  Getting started with STM32CubeU5 for STM32U5 series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CEU6 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM32U545CEU6 Datasheet HTML 20Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 21Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 22Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 23Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 24Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 25Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 26Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 27Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
6.12
When should the HAL be used versus LL drivers?
HAL drivers offer high-level and function-oriented APIs, with a high level of portability. Product/IPs complexity is
hidden for end users.
LL drivers offer low-layer register level APIs, with a better optimization but less portable. They require in depth
knowledge of product/IPs specifications.
6.13
How can LL drivers be included in an existing environment? Is there any LL
configuration file as for HAL?
There is no configuration file. Source code shall directly include the necessary stm32u5xx_ll_ppp.h file(s).
6.14
Can HAL and LL drivers be used together? If yes, what are the constraints?
It is possible to use both HAL and LL drivers. Use the HAL for the IP initialization phase and then manage the I/O
operations with LL drivers.
The major difference between HAL and LL is that HAL drivers require to create and use handles for operation
management while LL drivers operates directly on peripheral registers. The mixing of HAL and LL is illustrated in
the "Examples_MIX" example.
6.15
Are there any LL APIs that are not available with HAL?
Yes, there are. A few Cortex® APIs have been added in stm32u5xx_ll_cortex.h, for instance for accessing SCB or
SysTick registers.
6.16
Why are SysTick interrupts not enabled on LL drivers?
When using LL drivers in standalone mode, there is no need to enable SysTick interrupts because they are not
used in LL APIs, while HAL functions require SysTick interrupts to manage timeouts.
6.17
How are LL initialization APIs enabled?
The definition of LL initialization APIs and associated resources (structures, literals, and prototypes) is conditioned
by the USE_FULL_LL_DRIVER compilation switch.
To be able to use LL initialization APIs, add this switch in the toolchain compiler preprocessor.
6.18
How can STM32CubeMX generate code based on embedded software?
STM32CubeMX has a built-in knowledge of STM32 microcontrollers including their peripherals and software. It
enables providing a graphical representation to the user and generate *.h/*.c files based on user configuration.
6.19
How to get regular updates on the latest STM32CubeU5 MCU Package
releases?
Refer to Getting release updates.
6.20
What is an LPBAM mechanism?
The LPBAM mechanism is a subsystem that operates independently from low power mode and without any
software running (CPU intervention).
The low power mode depends on products integration.
6.21
Is the LPBAM based on the DMA "tasks" used to configure the peripherals?
The LPBAM is based on DMA transfers stored on linked-list nodes to configure partially autonomous peripherals.
6.22
How are managed the priorities between LPBAM and others DMA transfer?
The LPBAM is based on DMA transfer. The same DMA channels priority arbitration principle applies.
UM2883
FAQ
UM2883 - Rev 4
page 24/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com