Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CEU6Q Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32U545CEU6Q
Description  Getting started with STM32CubeU5 for STM32U5 series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CEU6Q Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32U545CEU6Q Datasheet HTML 10Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 11Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 12Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 13Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 14Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 15Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 16Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 17Page - STMicroelectronics STM32U545CEU6Q Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
The STM32CubeU5 firmware package provides default memory partitioning in the partition_<device>.h
files available in \Drivers\CMSIS\Device\ST\STM32U5xx\Include\Templates.
In these partition files, SAU is disabled by default. Consequently, IDAU memory mapping is used for security
attribution (refer to figure 3 in the reference manual).
If the user enables SAU, a default SAU region configuration is predefined in the partition files for STM32U575xx
and STM32U585xx devices:
•
SAU region 0: 0x0C0FE000 - 0x0C0FFFFF (secure, nonsecure callable)
•
SAU region 1: 0x08100000 - 0x081FFFFF (nonsecure flash memory Bank2 (1024 Kbytes))
•
SAU region 2: 0x20040000 - 0x200BFFFF (nonsecure SRAM3 (512 Kbytes)))
•
SAU region 3: 0x40000000-0x4FFFFFFF (nonsecure peripheral mapped memory)
•
SAU region 4: 0x60000000-0x9FFFFFFF (nonsecure external memories)
•
SAU region 5: 0x0BF90000-0x0BFA8FFF (nonsecure system memory)
To match the default partitioning, for STM32U575xx and STM32U585xx devices, the settings are:
•
TZEN=1 (TrustZone-enabled device)
•
SECWM1_PSTRT=0x0 SECWM1_PEND=0x7F, meaning all 128 pages of flash memory Bank1 set as
secure
•
SECWM2_PSTRT=0x1 SECWM2_PEND=0x0, meaning no page of flash memory Bank2 set as secure,
hence Bank2 is nonsecure
For STM32U535xx and STM32U545xx devices, the settings are:
•
TZEN=1
•
SECWM1_PSTRT=0x0 SECWM1_PEND=0x1F, meaning all 32 pages of Bank1 set as secure
•
SECWM2_PSTRT=0x1 SECWM2_PEND=0x0, meaning no page of Bank2 set as secure (no page of flash
memory Bank2 set as secure, hence Bank2 is nonsecure
For STM32U5FXxx, STM32U5GXxx, STM32U5AXxx and STM32U59Xxx devices, the settings are:
•
TZEN=1
•
SECWM1_PSTRT=0x0 SECWM1_PEND=0xFF, meaning all pages of Bank1 set as secure
•
SECWM2_PSTRT=0xFF SECWM2_PEND=0x0, meaning no page of Bank2 set as secure, hence Bank2 is
nonsecure
Note:
The internal flash memory is fully secure by default in TZEN=1, and user option bytes SECWM1_PSTRT/
SECWM1_PEND and SECWM2_PSTRT/SECWM2_PEND must be set according to the application memory
configuration (SAU regions (if SAU is enabled) and secure/nonsecure applications project linker files must be
aligned too).
All examples have the same structure:
•
\Inc folder, containing all header files.
•
\Src folder, containing the source code.
•
\EWARM, \MDK-ARM, and \STM32CubeIDE folders, containing the preconfigured project for each toolchain.
•
README.md and readme.html files, describing the example behavior and required environment to make
it work.
•
.ioc file, allowing users to open most of the firmware examples within STM32CubeMX.
Table 3 gives the number of projects available for each board.
UM2883
STM32CubeU5 MCU package overview
UM2883 - Rev 4
page 14/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com