Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AJH6Q Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM32U595AJH6Q
Description  Getting started with STM32CubeU5 for STM32U5 series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AJH6Q Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM32U595AJH6Q Datasheet HTML 2Page - STMicroelectronics STM32U595AJH6Q Datasheet HTML 3Page - STMicroelectronics STM32U595AJH6Q Datasheet HTML 4Page - STMicroelectronics STM32U595AJH6Q Datasheet HTML 5Page - STMicroelectronics STM32U595AJH6Q Datasheet HTML 6Page - STMicroelectronics STM32U595AJH6Q Datasheet HTML 7Page - STMicroelectronics STM32U595AJH6Q Datasheet HTML 8Page - STMicroelectronics STM32U595AJH6Q Datasheet HTML 9Page - STMicroelectronics STM32U595AJH6Q Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
The BSP is based on a modular architecture allowing an easy porting on any hardware. It is done by just
implementing the low-level routines.
3.1.2
Hardware abstraction layer (HAL) and low-layer (LL)
The STM32CubeU5 HAL and LL are complementary and cover a wide range of applications requirements:
The HAL drivers offer high-level function-oriented highly portable APIs. They hide the MCU and peripheral
complexity to the end user.
The HAL drivers provide generic multi-instance feature-oriented APIs that simplify user application
implementation by providing ready to use processes. As an example, for the communication peripherals
(I2S, UART, and others), it provides APIs allowing initializing and configuring the peripheral, managing data
transfer based on polling, interrupt or DMA process, and handling communication errors that may raise
during communication. The HAL driver APIs are split in two categories:
Generic APIs that provide common and generic functions to all the STM32 series
Extension APIs that provide specific and customized functions for a specific family or a specific part
number.
The low-layer APIs provide low-level APIs at register level, with better optimization but less portability. They
require a deep knowledge of MCU and peripheral specifications.
The LL drivers are designed to offer a fast light-weight expert-oriented layer that is closer to the hardware
than the HAL. Contrary to the HAL, LL APIs are not provided for peripherals where optimized access is not
a key feature, or for those requiring heavy software configuration and/or complex upper-level stack.
The LL drivers feature:
A set of functions to initialize peripheral main features according to the parameters specified in data
structures
A set of functions used to fill initialization data structures with the reset values corresponding to each
field
Function for peripheral de-initialization (peripheral registers restored to their default values)
A set of inline functions for direct and atomic register access
Full independence from HAL and capability to be used in standalone mode (without HAL drivers)
Full coverage of the supported peripheral features
3.1.3
Basic peripheral usage examples
This layer encloses the examples built over the STM32 peripherals using only the HAL and BSP resources.
3.2
Level 1
This level is divided into two sublayers:
Middleware components
Examples based on the middleware components
3.2.1
Middleware components
The middleware is a set of libraries constructed around the Microsoft®Azure® RTOS middleware and other in-
house (STMTouch, OpenBL) and open source (TF-M, Mbed™ crypto). All are integrated and customized for
STM32 MCU devices. They are also enriched with corresponding application examples based on STM32
evaluation boards. Horizontal interactions between the components of this layer are simply done by calling the
feature APIs, while the vertical interaction with the low-layer drivers is done through specific callbacks and static
macros implemented in the library system call interface.
The main features of each middleware component are as follows:
ThreadX:
A real-time operating system (RTOS) that is designed for embedded systems with two functional
modes.
Common mode includes common RTOS functionalities. These functionalities are thread
management and synchronization, memory pool management, messaging, and event handling.
Module mode is an advanced usage mode. It enables loading and unloading of prelinked ThreadX
modules on-the-fly through a module manager.
UM2883
STM32CubeU5 architecture overview
UM2883 - Rev 4
page 6/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com