Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AIH6 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM32U595AIH6
Description  Getting started with STM32CubeU5 for STM32U5 series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AIH6 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM32U595AIH6 Datasheet HTML 19Page - STMicroelectronics STM32U595AIH6 Datasheet HTML 20Page - STMicroelectronics STM32U595AIH6 Datasheet HTML 21Page - STMicroelectronics STM32U595AIH6 Datasheet HTML 22Page - STMicroelectronics STM32U595AIH6 Datasheet HTML 23Page - STMicroelectronics STM32U595AIH6 Datasheet HTML 24Page - STMicroelectronics STM32U595AIH6 Datasheet HTML 25Page - STMicroelectronics STM32U595AIH6 Datasheet HTML 26Page - STMicroelectronics STM32U595AIH6 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
6.6
How to update the secure/nonsecure memory mapping
In case of memory isolation for secure and nonsecure applications, the secure and nonsecure applications share
the same internal flash memory and embedded SRAMs.
The STM32CubeU5 firmware package provides default memory partitioning in the partition_<device>.h files
available under:
\Drivers\CMSIS\Device\ST\STM32U5xx\Include\Templates (see Section 4.2.1).
Any memory map partitioning change between secure and nonsecure applications requires the following updates
and alignments (without overlap between secure and nonsecure memory space and using secure and nonsecure
memory address aliases):
•
If SAU is enabled, nonsecure area update (internal flash memory and SRAMs) (see partition_stm32u5xx.h
file).
•
Secure and nonsecure linker files update to correctly locate the secure and nonsecure code and data.
•
Update the nonsecure address to jump to (in secure main.c and nonsecure reset handler in nonsecure
linker file)
•
Update the flash memory watermark option bytes (SEC_WMx_PSTRT/SEC_WMx_PEND) to define the
secure/non- secure flash memory areas (with STM32CubeProgrammer).
6.7
How to set up interrupts for secure and nonsecure applications
At MCU core level, all interrupts are set to secure at system reset. This default state is visible in the
partition_<device>.h files available under:
\Drivers\CMSIS\Device\ST\STM32U5xx\Include\Templates (see Section 4.2.1).
One of these template files is intended to be copied in the secure application for the selected device. This is to set
the interrupt line targets by modifying the partition_<device>.h file: either to target the secure (default) or
nonsecure application vector table. This insures that interrupts are set up when the application enters the secure
main().
6.8
Why does the system enter in SecureFault_Handler()?
SecureFault_Handler() is reachable if the SecureFault handler is enabled by the secure code with SCB-
>SHCSR |= SCB_SHCSR_SECUREFAULTENA_Msk;
Any jump to SecureFault_Handler() during the application execution is the result of a security violation
detected at IDAU/SAU level such as a fetch of a nonsecure application to secure address.
If the SecureFault handler is not enabled, the security violation is escalated to the HardFault handler.
6.9
Are there any links with standard peripheral libraries?
The STM32CubeU5 HAL and LL drivers are the replacement of the standard peripheral library:
•
The HAL drivers offer a higher abstraction level compared to the standard peripheral APIs. They focus on
the features that are common to the peripherals rather than the hardware. a set of user-friendly APIs allows
a higher abstraction level that in turn makes them easily portable from one product to another.
•
The LL drivers offer low-layer registers level APIs. They are organized in a simpler and clearer way
avoiding direct register accesses. LL drivers also include peripheral initialization APIs, which are more
optimized compared to what is offered by the SPL, while being functionally similar. Compared to HAL
drivers, these LL initialization APIs allow an easier migration from the SPL to the STM32CubeU5 LL
drivers, since each SPL API has its equivalent LL API.
6.10
Does the HAL layer take advantage of interrupts or DMA? How can this be
controlled?
Yes. The HAL layer supports three API programming models: polling, interrupt and DMA (with or without interrupt
generation).
6.11
How are the product/peripheral specific features managed?
The HAL drivers offer extended APIs, which are specific functions provided as add-ons to the common API to
support features available on some products/lines only.
UM2883
FAQ
UM2883 - Rev 4
page 23/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com