Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14531MOD Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # DA14531MOD
Description  SmartBond TINY Bluetooth® LE Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14531MOD Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button DA14531MOD Datasheet HTML 9Page - Renesas Technology Corp DA14531MOD Datasheet HTML 10Page - Renesas Technology Corp DA14531MOD Datasheet HTML 11Page - Renesas Technology Corp DA14531MOD Datasheet HTML 12Page - Renesas Technology Corp DA14531MOD Datasheet HTML 13Page - Renesas Technology Corp DA14531MOD Datasheet HTML 14Page - Renesas Technology Corp DA14531MOD Datasheet HTML 15Page - Renesas Technology Corp DA14531MOD Datasheet HTML 16Page - Renesas Technology Corp DA14531MOD Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
SmartBond TINY Bluetooth® LE Module
R18DS0047EE0340 Revision 3.4
Sept 20, 2024
CFR0011-120-00
Page 13
6.
Mechanical Specifications
6.1
Mechanical Dimensions and Land Pattern
The module’s dimensions are accessible from the Renesas website – 16-Module.
6.2
Marking
The module’s shield marking is shown in Figure 3.
Figure 3. Module shield marking
Marking Legend:
DA14531MOD-00F0100 yyww
yy: production year
ww: production week
All dimensions in mm. Tolerance 0.4 mm.
Antenna Area
DA14531MOD-00F0100 yyww
FCC ID: Y82-DA14531MOD
IC:9576A- DA14531MOD
ANATEL:05382 20-12967
J1
J5
J4
J3
J2
J6 J7 J8
J10
J9
J11
J12
J13
J14
J15
J16
-
10.30 ± .10 (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com