Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPU60 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # SPU60
Description  60W Desktop Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SPU60 Datasheet(HTML) 3 Page - Astrodyne Corporation

  SPU60 Datasheet HTML 1Page - Astrodyne Corporation SPU60 Datasheet HTML 2Page - Astrodyne Corporation SPU60 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WWW.ASTRODYNE.COM
60W Desktop Switching Power Supplies
S p u 6 0 series
ASTRODYNE uSA: 1-800-823-8082
ASTRODYNE EuROpE: 353 51 561060
ASTRODYNE pACIFIC: 886-2-26983458
MECHANICAL DIMENSIONS
AC INPUT
IEC 320 INLET
0.5
4-R4.0
118.0±1.0
COAxIAL pLuG:
5.5mm outer diameter
2.1mm inner diameter, female
11mm length, center “+”
+Vout
-Vout
Output Cord Length 72” typ.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com