Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA2-5002/883 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HA2-5002/883
Description  Monolithic, Wideband, High Slew Rate, High Output Current Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA2-5002/883 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HA2-5002/883 Datasheet HTML 1Page - Renesas Technology Corp HA2-5002/883 Datasheet HTML 2Page - Renesas Technology Corp HA2-5002/883 Datasheet HTML 3Page - Renesas Technology Corp HA2-5002/883 Datasheet HTML 4Page - Renesas Technology Corp HA2-5002/883 Datasheet HTML 5Page - Renesas Technology Corp HA2-5002/883 Datasheet HTML 6Page - Renesas Technology Corp HA2-5002/883 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HA-5002/883
FN3705 Rev.4.00
Page 2 of 7
January 5, 2006
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Terminals. . . . . . . . . . . . . . . . . . . . .44V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Equal to Supplies
Peak Output Current (50ms On, 1s Off)
400mA
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . .+175°C
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .<4000V
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300°C
Operating Conditions
Operating Temperature Range . . . . . . . . . . . . . . . .-55°C to +125°C
Operating Supply Voltage
 12V to 15V
RL  100
Thermal Resistance
JA (°C/W) JC (°C/W)
Metal Can Package . . . . . . . . . . . . . . .
160
70
Ceramic LCC Package. . . . . . . . . . . . .
80
30
Package Power Dissipation Limit at +75°C for TJ  +175°C
Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .625mW
Ceramic LCC Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.25W
Package Power Dissipation Derating Factor Above +75°C
Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .6.3mW/°C
Ceramic LCC Package. . . . . . . . . . . . . . . . . . . . . . . . .12.5mW/°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379
for details.
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at: VSUPPLY = 12Vand 15V, RSOURCE = 50, CLOAD  10pF, VIN = 0V, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE (°C)
MIN
MAX
UNITS
Input Offset
Voltage
VIO1
VSUP = 15V
1
+25
-20
20
mV
2, 3
+125, -55
-30
30
mV
VIO2
VSUP = 12V
1
+25
-20
20
mV
2, 3
+125, -55
-30
30
mV
Input Bias Current
IB1
VSUP = 15V, RS = 1k
1+25
-7
7
A
2, 3
+125, -55
-10
10
A
IB2
VSUP = 12V, RS = 1k
1+25
-7
7
A
2, 3
+125, -55
-10
10
A
Voltage Gain 1
+AV1
VSUP = 12V, RL = 1k,
VIN = 10V
1
+25
0.98
-
V/V
2, 3
+125, -55
0.98
-
V/V
-AV1
VSUP = 12V, RL = 1k,
VIN = -10V
1
+25
0.98
-
V/V
2, 3
+125, -55
0.98
-
V/V
Voltage Gain 2
+AV2
VSUP = 12V, RL = 100,
VIN = 10V
1
+25
0.96
-
V/V
-AV2
VSUP = 12V, RL = 100,
VIN = -10V
1
+25
0.96
-
V/V
Voltage Gain 3
+AV3
VSUP = 15V, RL = 100,
VIN = 10V
1
+25
0.96
-
V/V
-AV3
VSUP = 15V, RL = 100,
VIN = -10V
1
+25
0.96
-
V/V
Voltage Gain 4
+AV4
VSUP = 15V,
RL = 1k,
VIN = +10V
1
+25
0.99
-
V/V
2, 3
+125, -55
0.99
-
V/V
-AV4
VSUP = 15V,
RL = 1k,
VIN = -10V
1
+25
0.99
-
V/V
2, 3
+125, -55
0.99
-
V/V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com