Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78452P Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78452P
Description  8-Bit Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78452P Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78452P Datasheet HTML 9Page - ELAN Microelectronics Corp EM78452P Datasheet HTML 10Page - ELAN Microelectronics Corp EM78452P Datasheet HTML 11Page - ELAN Microelectronics Corp EM78452P Datasheet HTML 12Page - ELAN Microelectronics Corp EM78452P Datasheet HTML 13Page - ELAN Microelectronics Corp EM78452P Datasheet HTML 14Page - ELAN Microelectronics Corp EM78452P Datasheet HTML 15Page - ELAN Microelectronics Corp EM78452P Datasheet HTML 16Page - ELAN Microelectronics Corp EM78452P Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
EM78452
8-Bit Microcontroller
Product Specification (V1.0) 10.18.2007
• 9
(This specification is subject to change without further notice)
5.1.11 RD (SPIC: SPI Control Register)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x0D
SPIC/RD
CES
SPIE
SRO
SSE
SDOC SBRS2
SBRS1 SBRS0
Bit 7 (CES): Clock Edge Select bit
0 : Data shifts out on a rising edge, and shifts in on a falling edge. Data is
on hold during low-level.
1 : Data shifts out on a falling edge, and shifts in on a rising edge. Data is
on hold during high-level.
Bit 6 (SPIE): SPI Enable bit
0 : Disable SPI mode
1 : Enable SPI mode
Bit 5 (SRO): SPI Read Overflow bit
0 = No overflow
1 = A new data is received while the previous data is still being held in the
SPIB register. In this situation, the data in the SPIS register will be
destroyed. To avoid setting this bit, users are required to read the
SPIRB register although only the transmission is implemented.
Note that this can only occur in slave mode.
Bit 4 (SSE): SPI Shift Enable bit
0 = Reset as soon as shifting is completed, and the next byte is ready to
be shifted.
1 = Start to shift, and keep at “1” while the current byte is still being
transmitted.
It should be noted that this bit will be reset to 0 at every 1-byte
transmission by the hardware.
Bit 3 (SDOC): SDO output status control bit:
0 : After the Serial data output, the SDO remains high.
1 : After the Serial data output, the SDO remains low.
Bit 2~Bit 0 (SBRS): SPI Baud Rate Select bits
Refer to the SPI baud rate table illustration under the section “SPI” on the
subsequent pages.
5.1.12 RE (TMR1: Timer 1 Register)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0X0E
TMR1/RE TMR17 TMR16 TMR15 TMR14 TMR13 TMR12 TMR11 TMR10
TMR17~TMR10 are the set of bits of Timer 1 register and such are incremented until
the value matches PWP and then it resets to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com