Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78452WM Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM78452WM
Description  8-Bit Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78452WM Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM78452WM Datasheet HTML 5Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 6Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 7Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 8Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 9Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 10Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 11Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 12Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
EM78452
8-Bit Microcontroller
Product Specification (V1.0) 10.18.2007
• 5
(This specification is subject to change without further notice)
"JMP" instruction allows direct loading of the lower 10 program counter bits. Thus,
"JMP" allows it to jump to any location on one page.
"CALL" instruction loads the lower 10 bits of the PC, and then PC+1 is pushed into
the stack. Thus, the subroutine entry address can be located anywhere within a
page
"RET" ("RETL k", "RETI") instruction loads the program counter with the contents
at the top of the stack.
"MOV R2, A" allows the loading of an address from the "A" register to the lower 8
bits of PC, and the ninth and tenth bits (A8~A9) of the PC are cleared.
"ADD R2, A" allows a relative address to be added to the current PC, and the ninth
and tenth bits of the PC are cleared.
Any instruction that is written to R2 (e.g. "ADD R2, A", "MOV R2, A", "BC R2,6",
⋅⋅⋅⋅⋅)
(except "TBL") will cause the ninth and tenth bits (A8~A9) of the PC to be cleared.
Thus, the computed jump is limited to the first 256 locations of any program page.
"TBL" allows a relative address to be added to the current PC (R2+A
→R2), and
contents of the ninth and tenth bits (A8~A9) of the PC are not changed. Thus, the
computed jump can be on the second (or third, 4th) 256th locations on one
program page.
In the case of EM78452, the most significant bits (A10~A11) will be loaded with the
contents of bits PS0~PS1 in the status register (R3) upon the execution of a "JMP",
"CALL", or any other instructions which writes to R2.
All instructions are single instruction cycle (fclk/2 or fclk/4 except for instructions
that would change the contents of R2. Such instruction will need one more
instruction cycle.
A7
~
A0
On-chip Program
Memory
000H
FFFH
001H
Hardware Vector
Software Vector
Reset Vector
002H
A9 A8
A11 A10
Stack Level 1
Stack Level 3
Stack Level 2
Stack Level 4
Stack Level 5
CALL
00 PAGE0 0000~03FF
01 PAGE1 0400~07FF
10 PAGE2 0800~0BFF
11 PAGE3 0C00~0FFF
R3
RET
RETL
RETI
Fig. 5-2 Program Counter Organization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com