Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8667ARMZ-R21 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8667ARMZ-R21
Description  Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8667ARMZ-R21 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8667ARMZ-R21 Datasheet HTML 2Page - Analog Devices AD8667ARMZ-R21 Datasheet HTML 3Page - Analog Devices AD8667ARMZ-R21 Datasheet HTML 4Page - Analog Devices AD8667ARMZ-R21 Datasheet HTML 5Page - Analog Devices AD8667ARMZ-R21 Datasheet HTML 6Page - Analog Devices AD8667ARMZ-R21 Datasheet HTML 7Page - Analog Devices AD8667ARMZ-R21 Datasheet HTML 8Page - Analog Devices AD8667ARMZ-R21 Datasheet HTML 9Page - Analog Devices AD8667ARMZ-R21 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8663/AD8667/AD8669
Rev. A | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
1600
1400
1200
1000
800
600
400
200
0
0
50
100
150
200
250
–50
–100
–150
–200
–250
VOS (µV)
VSY = 5V
–0.1V < VCM <+3.5V
TA = 25°C
Figure 5. Input Offset Voltage Distribution
40
35
30
25
20
15
10
5
0
01
2
3
4
5
TCVOS (µV)
VSY = ±2.5V
–40°C < TA < +125°C
Figure 6. Offset Voltage Drift Distribution
500
–500
05.0
VCM (V)
400
300
200
100
0
–100
–200
–300
–400
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VSY = 5V
TA = 25°C
Figure 7. Input Offset Voltage vs. Common-Mode Voltage
10000
9000
8000
7000
6000
5000
4000
3000
2000
1000
0
50
100
150
200
250
–50
–100
–150
–200
–250
VOS (µV)
0
VSY = 16V
–0.1V < VCM < +14V
TA = 25°C
Figure 8. Input Offset Voltage Distribution
40
35
30
25
20
15
10
5
0
5
4
3
2
1
0
TCVOS (µV/°C)
VSY = ±8V
–40°C < TA < +125°C
Figure 9. Offset Voltage Drift Distribution
300
–200
–250
–300
016
VCM (V)
250
200
150
100
50
0
–50
–100
–150
2
4
6
8
10
12
14
VSY = 16V
TA = 25°C
Figure 10. Input Offset Voltage vs. Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com