Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32550 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 32550
Description  non-locking - coarse thread
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

32550 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  32550 Datasheet HTML 1Page - Wixroyd Group Ltd 32550 Datasheet HTML 2Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
non-locking - coarse thread
Index Plungers - Pull Ring
Index Plunger &
Pins
Order No.
Type
d
1
tol.
h9
d
2
d
3
e
l
1
l
4 =s
min.
l
5
l
6
l
8
A/F Spring load
F
1
N
≈
Spring load
F
2
N
≈
Tightening torque
Nm
max.
Weight
g
32550.W0723
Non Locking
3
M 6x1,00
14 6,9 34,0 3,5 12 4,5 10,0 6
3
12
2
3,2
32550.W0724
Non Locking
4
M 6x1,00
14 6,9 34,5 4
12 4,5 10,0 6
3
12
2
3,6
32550.W0725
Non Locking
5
M 8x1,25
18 9,2 45,0 5
15 6,0 13,5 8
5
24
7
8,4
32550.W0726
Non Locking
6
M10x1,50 24 11,5 57,5 6
20 7,5 17,0 10
5
21
15
17,0
32550.W0728
Non Locking
8
M12x1,75 30 13,8 71,0 8
24 9,0 20,5 12
6
22
20
31,0
32550
0333 207 4497
sales@wixroyd.com
1
Material
Body: free cutting steel, galvanized.
Pin: stainless steel 1.4305 (AISI 303).
Pull Ring: stainless steel 1.4310 (AISI
301).
Technical Notes
For applications where high precision is
not required.
Coarse thread.
Temperature resistance up to 250ºC
Lock nuts sold separately. See product
65690.
Tips
Spring loads * = statistical average


Similar Part No. - 32550

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
325502 TEC-325502 Datasheet
6Mb / 20P
AMPOWER TERMINALS AND SPLICES
325503 TEC-325503 Datasheet
6Mb / 20P
AMPOWER TERMINALS AND SPLICES
325505 TEC-325505 Datasheet
6Mb / 20P
AMPOWER TERMINALS AND SPLICES
325508 TEC-325508 Datasheet
6Mb / 20P
AMPOWER TERMINALS AND SPLICES
More results

Similar Description - 32550

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
BAS-5107 BUD-BAS-5107 Datasheet
34Kb / 1P
SLIDE MOUNTING BRACKET, NON-LOCKING LATCH HANDLE ASSEMBLY
logo
Molex Electronics Ltd.
0495490520 MOLEX6-0495490520 Datasheet
96Kb / 2P
2.50mm (.098") Pitch Mini-SPOX??Housing, 5 Circuits, Non-Locking
logo
List of Unclassifed Man...
DIN8140 ETC2-DIN8140 Datasheet
103Kb / 3P
Wire-Thread-Inserts
logo
Glenair, Inc.
980-002 GLENAIR-980-002 Datasheet
249Kb / 2P
Non-Environmental Rear Accessory Thread Adapter
841-001 GLENAIR-841-001 Datasheet
222Kb / 1P
ACME Thread Plug
logo
Molex Electronics Ltd.
130145-0069 MOLEX11-130145-0069 Datasheet
50Kb / 1P
Safeway Connector with Locking Blade, 4Pole/4 Wire, Non-NEMA, 208V
1301510018 MOLEX11-1301510018 Datasheet
38Kb / 1P
Safeway Locking Blade Adapter Non-NEMA Receptacle - Female End 15A/125V,
logo
Amphenol Corporation
1132-4108 AMPHENOL-1132-4108 Datasheet
86Kb / 1P
SMPM FD MALE TO FD MALE (NON-MAGNETIC) THREAD-IN ADAPTER
logo
Amphenol SV Microwave
1132-4108 SVMICROWAVE-1132-4108 Datasheet
86Kb / 1P
SMPM FD MALE TO FD MALE (NON-MAGNETIC) THREAD-IN ADAPTER
05/20
logo
Glenair, Inc.
GLENS10067-1 GLENAIR-GLENS10067-1 Datasheet
54Kb / 1P
AS85049/41 and MS3057A Straight Non-Self-Locking Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com