Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMRM Datasheet(PDF) 1 Page - Axiohm TXCOM

Part # CMRM
Description  Thermal printer mechanisms 60 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOHM [Axiohm TXCOM]
Direct Link  https://axiohm.com/
Logo AXIOHM - Axiohm TXCOM

CMRM Datasheet(HTML) 1 Page - Axiohm TXCOM

  CMRM Datasheet HTML 1Page - Axiohm TXCOM CMRM Datasheet HTML 2Page - Axiohm TXCOM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.axiohm.com
. Robustness andVersatility
Commonly used in transportation, where harsh operating conditions apply, the CM/RM
series has proven its robustness through out the years. Based on enhanced
technologies, the newly launched Premium version of the mechanism features top
of the range reliability with a mechanical life expectancy up to 100 km. Available in
both 12V & 24V versions, the CM/RM is suitable for a variety of applications. A version
of the series is even dedicated to printing on thick paper (up to 190µm): The perfect
match for pre-paid phone cards, loyalty cards, contactless / RFID cards printing.
CM/RM Series
Premium Version now available
Thermal printer mechanisms
60 mm
Clamshell™
optional
cutter
The proven choice for a heavy duty & reliable
printer that will last for years
auto
cutter
60 mm
. Overall Performance
With years of printing technology experience, Axiohm presents a Premium version of
the long time customer favorite CM/RM Series that o ers even more outstanding
features: ultra silent, top printing speed up to 250 mm/s, long life auto cutter (1 Million
cuts) with both full and partial cuts, optimized printing quality (resolution of 8 dots/
mm). With its newly extended 56 mm printing width, the Premium version of this 60
mm mechanism was designed to maximize printing space, making it a cost e ective
and paper saving solution.
. Compact and easy to integrate
With a frame moulded close around the printhead, the CM/RM series has the
crucial advantage of being compact, providing maximum exibility in the integration
process. Designed with a single ex connection for plug and play, the RM version
features an incorporated reliable cutter into the at hinged cover. It is therefore an
excellent solution for wall embedded applications, saving valuable engineering work
and time.


Similar Part No. - CMRM

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CMR CRYDOM-CMR Datasheet
127Kb / 3P
Crydoms CMR Series
logo
Cornell Dubilier Electr...
CMR CDE-CMR Datasheet
305Kb / 6P
High-Reliability Dipped Capacitors/MIL-PRF-39001
logo
Murata Power Solutions ...
CMR MURATA-PS-CMR Datasheet
297Kb / 11P
Isolated 0.75W Single and Dual Output Isolated DC/DC Converters
CMR MURATA-PS-CMR Datasheet
328Kb / 14P
Isolated 0.75W Single and Dual Output Isolated DC-DC Converters
2022
logo
Sensata Technologies, I...
CMR SENSATA-CMR Datasheet
311Kb / 4P
DIN RAIL MOUNT SOLID STATE RELAYS
Rev. 03/25/2024
More results

Similar Description - CMRM

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTP-628MCL053 FUJITSU-FTP-628MCL053 Datasheet
64Kb / 6P
2??HIGH SPEED THERMAL PRINTER
FTP-628MCL353 FUJITSU-FTP-628MCL353 Datasheet
184Kb / 7P
2??HIGH SPEED THERMAL PRINTER
logo
Extech Instruments Corp...
PR20 EXTECH-PR20 Datasheet
143Kb / 1P
Portable Thermal Printer
logo
fujitsu semiconductor
FP-1000 FUJITSU-FP-1000 Datasheet
1Mb / 7P
FUJITSU THERMAL PRINTER
logo
Seiko Instruments Inc
PTD00P01-E SII-PTD00P01-E Datasheet
313Kb / 3P
LTPD/CAPD Series 24 V Printer Mechanisms
logo
TE Connectivity Ltd
T200 TEC-T200 Datasheet
616Kb / 5P
BUDGET THERMAL TRANSFER PRINTER
T2212 TEC-T2212 Datasheet
356Kb / 5P
BUDGET THERMAL TRANSFER PRINTER (300dpi)
TTDS-256 TEC-TTDS-256 Datasheet
616Kb / 5P
BUDGET THERMAL TRANSFER PRINTER
TTDS-275 TEC-TTDS-275 Datasheet
356Kb / 5P
BUDGET THERMAL TRANSFER PRINTER (300dpi)
logo
PHOENIX CONTACT
5148888 PHOENIX-5148888 Datasheet
445Kb / 12P
Thermal transfer printer - THERMOMARK PRIME
02/04/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com